Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

854678 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 854678
Description  70 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

854678 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  854678_15 Datasheet HTML 1Page - TriQuint Semiconductor 854678_15 Datasheet HTML 2Page - TriQuint Semiconductor 854678_15 Datasheet HTML 3Page - TriQuint Semiconductor 854678_15 Datasheet HTML 4Page - TriQuint Semiconductor 854678_15 Datasheet HTML 5Page - TriQuint Semiconductor 854678_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
854678
70 MHz SAW Filter
Data Sheet: Rev - 06-27-2013
- 5 of 6 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
Package Information, Marking and Dimensions
Package Style: SMP-53
Dimensions: 13.30 x 6.50 x 1.75mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 -
1.0μm, over a 2-6μm Ni plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of: day of the current year (Julian,
3 digits), last digit of the year (1 digit) and hour (2 digits)
Notes:
1. All dimensions shown are typical in millimeters
2. An asterisk (*) in front of the marking code indicates prototype.
Tape and Reel information
Standard T/R size = 2000 units/reel
1.75 NOM.
1.96 MAX.
0.76
JJJYHH
Date Code
ID Dot
SAWTEK
854678
0.79
1.17 x 3.76
1.50
2.54
6.50
2.18
2.54
13.3
A
A
24
1.75
11.5
Ø1.5
2.3
13.9
4.0
Ø1.5
2.0
0.3
12.0
7.1
Section A-A
Direction of travel
Ø330
24.8
2.7
Ø102
Ø13.0
Ø20.2
2.0
ID dot


Similar Part No. - 854678_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854678 TRIQUINT-854678 Datasheet
42Kb / 1P
   70 MHz Low-Loss Filter
More results

Similar Description - 854678_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855737 TRIQUINT-855737 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855740 TRIQUINT-855740 Datasheet
622Kb / 5P
   70 MHz SAW Filter
854658 TRIQUINT-854658_15 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855744 TRIQUINT-855744_15 Datasheet
459Kb / 5P
   70 MHz SAW Filter
855745 TRIQUINT-855745_15 Datasheet
667Kb / 5P
   70 MHz SAW Filter
854668 TRIQUINT-854668_15 Datasheet
449Kb / 6P
   70 MHz SAW Filter
854674 TRIQUINT-854674_15 Datasheet
559Kb / 5P
   70 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2227A MURATA-SF2227A Datasheet
542Kb / 5P
   70 MHz SAW Filter
logo
TriQuint Semiconductor
854657 TRIQUINT-854657_15 Datasheet
581Kb / 5P
   70 MHz SAW Filter
854659 TRIQUINT-854659_15 Datasheet
579Kb / 5P
   70 MHz SAW Filter
854655 TRIQUINT-854655_15 Datasheet
610Kb / 5P
   70 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com