Electronic Components Datasheet Search |
|
854678 Datasheet(PDF) 2 Page - TriQuint Semiconductor |
|
854678 Datasheet(HTML) 2 Page - TriQuint Semiconductor |
2 / 6 page 854678 70 MHz SAW Filter Data Sheet: Rev - 06-27-2013 - 2 of 6 - Disclaimer: Subject to change without notice © 2013 TriQuint Parameter Rating Storage Temperature (1) -40 to +85°C Operable Temperature (2) -0 to +70°C RF Input Power (3) +10 dBm 1. Operation of this device outside the parameter ranges given may cause permanent damage. 2. Specifications are not guaranteed over all operable conditions. 3. Input Power with applied CW signal at 55°C for 10,000 hours Absolute Maximum Ratings Electrical Specifications (1) Specified Temperature Range: (2) +25 ºC Parameter (3) Conditions Min Typ (4) Max Units Center Frequency 69.8 70 70.2 MHz Insertion Loss 70 MHz - 20.2 21.5 dB 1 dB Bandwidth (5) 35.1 35.7 - MHz 3 dB Bandwidth (5) 36 36.2 - MHz 40 dB Bandwidth (5) - 43.3 45 MHz Passband Ripple 53.8 – 86.2 MHz - 1.25 2 dB p-p Phase Linearity 53.8 – 86.2 MHz - 9.0 13.0 deg p-p Group Delay Variation 53.8 – 86.2 MHz - 52 80 ns p-p Absolute Delay - 1.08 - µs Temperature Coefficient - -94 - ppm/deg C Source Impedance (single-ended) (6) - 50 - Ω Load Impedance (single-ended) (6) - 50 - Ω Notes: 1. All specifications are based on the TriQuint schematic for the main reference design shown on page 3 2. All specifications are tested at room temperature only 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. Typical values are based on average measurements at room temperature 5. Relative to Insertion loss at center frequency 6. This is the optimum impedance in order to achieve the performance shown |
Similar Part No. - 854678_15 |
|
Similar Description - 854678_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |