Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU3000RTXL3UHV Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SU3000RTXL3UHV
Description  SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU3000RTXL3UHV Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SU3000RTXL3UHV_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU3000RTXL3UHV_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU3000RTXL3UHV_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU3000RTXL3UHV_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU3000RTXL3UHV_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INPUT
Rated input current (Maximum Load)
14.9A (200V), 14.3A (208V), 13.1A (220V), 12.1A (240V)
Nominal Input Voltage(s) Supported
200V AC; 208V AC; 220V AC; 240V AC
UPS Input Connection Type
L6-20P
Input Circuit Breakers
25A double pole
UPS Input Cord Length (ft.)
10
UPS Input Cord Length (m)
3
Recommended Electrical Service
20A
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
5 min. (2400w)
Half Load Runtime (min.)
14 min. (1200w)
Expandable Battery Runtime
Supports extended runtime with optional external battery packs
DC System Voltage (VDC)
72
Battery Recharge Rate (Included
Batteries)
Less than 6 hours from 10% to 80% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC96-3U
Battery Access
Front panel battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Online, double-conversion power conditioning
Overvoltage Correction
Maintains output during overvoltages to 275
Undervoltage Correction
Maintains output during undervoltages to 160V AC
Severe Undervoltage Correction
At load levels less than 70%, UPS maintains output during undervoltages to 130V AC
USER INTERFACE, ALERTS & CONTROLS
Switches
2 switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch
Audible Alarm
Audible alarm indicates UPS startup, power-failure, low-battery, overload, UPS fault and remote shutdown conditions
LED Indicators
14 LEDs indicate line power, online mode, bypass mode, on-battery, overload, battery low, replace battery and fault
status information; 4-LED meter displays load and battery charge levels; LED panel rotates for viewing in
rack/tower formats
SURGE / NOISE SUPPRESSION
3 / 5


Similar Part No. - SU3000RTXL3UHV_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU3000RTXL3UHV ETC2-SU3000RTXL3UHV Datasheet
505Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 208/240V NEMA outlets
More results

Similar Description - SU3000RTXL3UHV_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUINT3000RTXL3U TRIPPLITE-SUINT3000RTXL3U Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, USB, DB9 Serial
SU3000RTXL3U TRIPPLITE-SU3000RTXL3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
SU3000RTXL3UN TRIPPLITE-SU3000RTXL3UN Datasheet
512Kb / 5P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard pre-installed, 3U Rack/Tower, USB, DB9 Serial
SU3000RTXR3UHW TRIPPLITE-SU3000RTXR3UHW Datasheet
496Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, USB, DB9 Serial, Hardwire
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SUINT3000RTXL2U TRIPPLITE-SUINT3000RTXL2U Datasheet
495Kb / 6P
   SmartOnline 200-240V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU5000RT3UHV TRIPPLITE-SU5000RT3UHV Datasheet
522Kb / 5P
   SmartOnline 200-240V 5kVA 3.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 5U Rack/Tower, DB9 Serial
SUINT2200RTXL2UA TRIPPLITE-SUINT2200RTXL2UA Datasheet
493Kb / 6P
   SmartOnline 200-240V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU6000RT3UHV TRIPPLITE-SU6000RT3UHV_15 Datasheet
527Kb / 6P
   SmartOnline 200-240V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, DB9 Serial, Hardwire
SUINT1000RTXL2UA TRIPPLITE-SUINT1000RTXL2UA Datasheet
492Kb / 5P
   SmartOnline 200-240V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com