Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

854923 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 854923
Description  140 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

854923 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  854923_15 Datasheet HTML 1Page - TriQuint Semiconductor 854923_15 Datasheet HTML 2Page - TriQuint Semiconductor 854923_15 Datasheet HTML 3Page - TriQuint Semiconductor 854923_15 Datasheet HTML 4Page - TriQuint Semiconductor 854923_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
Part Number 854923
140 MHz SAW Filter
Subject to change or obsolescence without notice
Rev -
10/07
© TriQuint Semiconductor
Page 5 of 5
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-40
+85
oC
Storage Temperature Range
Tstg
-40
+85
oC
Important Notes
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
RoHS Compliance
• This product complies with EU directive 2002/95/EC (RoHS)
Solderability
• Compatible with JESD22-B102, Pb-free process, 260C peak reflow temperature (see soldering profile)
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
Soldering Profile
S-Parameters
RoHS Information
Other Technical Information
TriQuint’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. TriQuint does not accept any liability
for applications, processes, circuits or assemblies, which are implemented using any TriQuint component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: info-product@tqs.com
Web: www.triquint.com
Or contact one of our worldwide
Network of sales offices,
Representatives or distributors
Pb


Similar Part No. - 854923_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854923 TRIQUINT-854923 Datasheet
59Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
More results

Similar Description - 854923_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com