Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8126K Datasheet(PDF) 1 Page - NEC

Part # UPC8126K
Description  UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8126K Datasheet(HTML) 1 Page - NEC

  UPC8126K Datasheet HTML 1Page - NEC UPC8126K Datasheet HTML 2Page - NEC UPC8126K Datasheet HTML 3Page - NEC UPC8126K Datasheet HTML 4Page - NEC UPC8126K Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UPC8125GR
SILICON MMIC UPCONVERTER
WITH AGC + IQ MODULATOR
FEATURES
• WIDE SUPPLY VOLTAGE RANGE: 2.7 to 5.5 V
• OUTPUT FREQUENCY RANGE: 1.8 to 2.0 GHz
INTERNAL LPF TO REJECT LO & SPURIOUS
LEAKAGE
PORTS FOR EXTERNAL IF FILTER
AGC FUNCTION: 40 dB RANGE
POWER SAVE FUNCTION
SMALL 20 PIN SSOP PACKAGE
TAPE AND REEL PACKAGING AVAILABLE
INTERNAL BLOCK DIAGRAM (Top View)
Notes:
1. PIFIN = -20 dBm
2. VI/Q = 1.5 V (DC) +0.5 Vp-p (AC)
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 3.0 V, unless otherwise specified)
DESCRIPTION
The UPC8125GR is a Silicon MMIC manufactured with the
NESAT IIITM silicon bipolar process. The IC consists of a 1.8 -
2.0 GHz upconverter with AGC function and a 220 - 270 MHz IQ
modulator. The device operates over a wide 2.7 - 5.5 V supply
voltage range and features a power save function. The device
was specifically designed for digital mobile communication
applications such as 1900 MHz PCS and PHS handsets.
NEC's stringent quality assurance and test procedures ensure
the highest reliability and performance.
California Eastern Laboratories
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
x 2
90 deg. Phase
Shifter (
÷ 2)
LPF
LPF
Reg.
Reg.
Vcc (MOD)
Vcc (Up-con)
RFout
GND
GND
Vps
VAGC
GND
Lo2 in
Lo2 inb
GND
Filter 1
Filter 2
I
Ib
Q
Qb
Lo1 in
Lo1 inb
GND
PART NUMBER
UPC8125GR
PACKAGE OUTLINE
S20 (SSOP 20)
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Total Circuit Current (no input signal)
mA
36
ICC(PS)
Total Circuit Current at Sleep Mode
VPS
≤ 0.5 V (Low)
µA
0.3
10
PRFout 1
Total Output Power 1
VAGC = 3.0 V
dBm
-10
PRFout 2
Total Output Power 2
VAGC = 0.5 V
dBm
-50
LOL
Lo Carrier Leak
fLO1 + fLO2
dBc
-37
-30
ImR
Image Rejection (Side Band leak)
dBc
-35
-30
IM3 I/Q
I/Q 3rd Order Intermodulation Distortion2
dBc
-50
-30
GCR
AGC Amp. Gain control range
VAGC = 3 V to 0.5 V
dB
25
40
TPS(RISE)
Power Save Rise Time
VPS (OFF)
→ VPS (ON)
µS2
5
TPS (FALL)
Power Save Fall Time
VPS (ON)
→ VPS (OFF)
µS2
5
ZI/Q
Input Impedance I and Q Ports2
fI/Q = 24 KHZ,I
→ Ib,Q → Qb
k
200
II/Q
I/Q Bias Current
I
→ Ib,Q → Qb
µA5
ZLO1
Lo1 Input VSWR
fLO1= 220 MHz to 270 MHz
1.2:1
EVM
Error Vector Magnitude
MOD Pattern : PN9
%rms
2.5
Padj
Adjacent Channel Power
∆f = 600 KHZ
dBc
-68
MOD Pattern : PN9


Similar Part No. - UPC8126K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
UPC8126K NEC-UPC8126K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K-E1 NEC-UPC8126K-E1 Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8126K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
logo
Fujitsu Component Limit...
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
   Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com