Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8163TB Datasheet(PDF) 4 Page - NEC

Part # UPC8163TB
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8163TB Datasheet(HTML) 4 Page - NEC

  UPC8163TB Datasheet HTML 1Page - NEC UPC8163TB Datasheet HTML 2Page - NEC UPC8163TB Datasheet HTML 3Page - NEC UPC8163TB Datasheet HTML 4Page - NEC UPC8163TB Datasheet HTML 5Page - NEC UPC8163TB Datasheet HTML 6Page - NEC UPC8163TB Datasheet HTML 7Page - NEC UPC8163TB Datasheet HTML 8Page - NEC UPC8163TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet P13636EJ2V0DS00
4
µµµµPC8163TB
PIN EXPLANATION
Pin
No.
Pin
Name
Applied
Voltage
V
Pin
Voltage
V
Note
Function and Explanation
Equivalent Circuit
1
IFinput
1.2
This pin is IF input to double balanced mixer
(DBM). The input is designed as high
impedance. The circuit contributes to
suppress spurious signal. Also this
symmetrical circuit can keep specified
performance insensitive to process-condition
distribution. For above reason, double
balanced mixer is adopted.
2
4
GND
0
GND pin. Ground pattern on the board
should be formed as wide as possible.
Track Length should be kept as short as
possible to minimize ground impedance.
3
LOinput
2.1
Local input pin. Recommendable input level
is –10 to 0 dBm.
5VCC
2.7 to 3.3
Supply voltage pin.
6
RFoutput
Same
bias as
VCC
through
external
inductor
This pin is RF output from DBM. This pin is
designed as open collector. Due to the high
impedance output, this pin should be
externally equipped with LC matching circuit
to next stage.
3
5
6
1
2
Note
Each pin voltage is measured with VCC = VRFout = 3.0 V.


Similar Part No. - UPC8163TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
UPC8163TB NEC-UPC8163TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8163TB NEC-UPC8163TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
California Eastern Labs
UPC8163TB CEL-UPC8163TB Datasheet
172Kb / 5P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
Renesas Technology Corp
UPC8163TB RENESAS-UPC8163TB Datasheet
318Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC8163TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8106T NEC-UPC8106T Datasheet
112Kb / 4P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8106T NEC-UPC8106T_00 Datasheet
46Kb / 5P
   3 V, SILICON MMIC FREQUENCY UP-CONVERTER
UPC8119T NEC-UPC8119T Datasheet
550Kb / 52P
   VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Mimix Broadband
8SDV0500 MIMIX-8SDV0500 Datasheet
260Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
XE1000-BD MIMIX-XE1000-BD Datasheet
162Kb / 5P
   2.0-16.0 GHz GaAs MMIC Frequency Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com