Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU6000RT4UHVG Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # SU6000RT4UHVG
Description  SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Bypass Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU6000RT4UHVG Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SU6000RT4UHVG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU6000RT4UHVG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU6000RT4UHVG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU6000RT4UHVG Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU6000RT4UHVG Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU6000RT4UHVG Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UPS Power Module Dimensions
(hwd, cm)
17.4 x 44.5 x 52.6
Installed Whole System Maximum
Rack Depth (in.)
20.7
Installed Whole System Maximum
Rack Depth (cm)
52.6
Rack Height (U Spaces)
4
UPS Power Module Weight (lbs.)
108
UPS Power Module Weight (kg)
49
UPS Shipping Dimensions (hwd / in.)
12.7 x 23.6 x 29.1
UPS Shipping Dimensions (hwd /
cm)
32.3 x 59.9 x 73.9
Shipping Weight (lbs.)
156.5
Shipping Weight (kg)
71.1
Cooling Method
Fans
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
1767
AC Economy Mode BTU / Hr. (Full
Load)
707
AC Mode Efficiency Rating (100%
Load)
90%
AC Economy Mode Efficiency Rating
(100% Load)
96%
Operating Elevation (ft.)
0-3000m (0 to 10,000 ft.)
Audible Noise
60 dBA at front side 1 meter
Operating Elevation (m)
0-3000 m
COMMUNICATIONS
Communications Interface
DB9 Serial; EPO (apagado de emergencia); USB
Network Monitoring Port Description
Additional contact closure support with optional RELAYIOCARD and RELAYIOMINI interface cards. RELAYIOMINI
installation requires removal of panel containing USB ports
PowerAlert Software
Included
Communications Cable
USB, DB9 serial and EPO cables included
WatchDog Compatibility
Yes
5 / 6


Similar Part No. - SU6000RT4UHVG

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU6000RT4UHV TRIPPLITE-SU6000RT4UHV Datasheet
538Kb / 6P
   SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU6000RT4UHVHW TRIPPLITE-SU6000RT4UHVHW Datasheet
540Kb / 6P
   SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Hardwire
SU6000RT4UHVPM TRIPPLITE-SU6000RT4UHVPM Datasheet
487Kb / 2P
   SmartOnline 6000VA Power Module - Hot-swappable replacement power module
SU6000RT4UHVTAA TRIPPLITE-SU6000RT4UHVTAA Datasheet
174Kb / 6P
   SmartOnline 208/240V 6kVA On-Line UPS ??Double Conversion, 5.4kW, 4U, Network Card Option, TAA Compliant
More results

Similar Description - SU6000RT4UHVG

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU6000RT4UHV TRIPPLITE-SU6000RT4UHV Datasheet
538Kb / 6P
   SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU6000RT4UHVHW TRIPPLITE-SU6000RT4UHVHW Datasheet
540Kb / 6P
   SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Hardwire
SU5000RT4UHV TRIPPLITE-SU5000RT4UHV Datasheet
505Kb / 6P
   SmartOnline 200-240V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial
SU6000RT3UHV TRIPPLITE-SU6000RT3UHV_15 Datasheet
527Kb / 6P
   SmartOnline 200-240V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, DB9 Serial, Hardwire
SU6000RT3UHVXL TRIPPLITE-SU6000RT3UHVXL Datasheet
522Kb / 5P
   SmartOnline 200-240V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, DB9 Serial, Hardwire
SU8000RT3U TRIPPLITE-SU8000RT3U_15 Datasheet
533Kb / 6P
   SmartOnline 200-240V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU10000RT3U TRIPPLITE-SU10000RT3U_15 Datasheet
546Kb / 6P
   SmartOnline 200-240V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack-Tower, USB, DB9 Serial, Bypass Switch
SUINT2200RTXL2UA TRIPPLITE-SUINT2200RTXL2UA Datasheet
493Kb / 6P
   SmartOnline 200-240V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1000RTXL2UA TRIPPLITE-SUINT1000RTXL2UA Datasheet
492Kb / 5P
   SmartOnline 200-240V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1500RTXL2UA TRIPPLITE-SUINT1500RTXL2UA Datasheet
491Kb / 5P
   SmartOnline 200-240V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com