Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU6000RT4UTF Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # SU6000RT4UTF
Description  SmartOnline 240/208/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Low-Voltage Transformer,Extended Run, SNMP, Webcard, 6U Rack/Tower,Bypass Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU6000RT4UTF Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SU6000RT4UTF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved SU6000RT4UTF Datasheet HTML 7Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Included Mounting Accessory
Description
Two sets of adjustable 4 post 19 inch rackmount installation rails included
Installation Form Factors Supported
with Optional Accessories
2 post rackmount (2POSTRMKITHD); Tower (2-9USTAND)
Optional Mounting Accessory Notes
2 post rackmount installation requires two 2POSTRMKITHD accessories; Tower installation requires one
2-9USTAND accessory
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
6.85 x 17.5 x 20.7
UPS Power Module Dimensions
(hwd, cm)
17.4 x 44.5 x 52.6
Installed Whole System Maximum
Rack Depth (in.)
21.8
Installed Whole System Maximum
Rack Depth (cm)
55.4
Rack Height (U Spaces)
6
UPS Power Module Weight (lbs.)
116.2
UPS Power Module Weight (kg)
52.8
Stepdown Transformer Dimensions
(hwd / in.)
3.5 x 17.5 x 21.8
Stepdown Transformer Dimensions
(hwd / cm)
8.8 x 44.5 x 55.4
Stepdown Transformer Weight (lbs.)
72.6
Stepdown Transformer Weight (kg)
33
UPS Shipping Dimensions (hwd / in.)
22.5 x 25 x 30
UPS Shipping Dimensions (hwd /
cm)
57.2 x 63.5 x 76.2
Shipping Weight (lbs.)
293
Shipping Weight (kg)
133
Cooling Method
Fans
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
1767
5 / 7


Similar Part No. - SU6000RT4UTF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU6000RT4UTFHW TRIPPLITE-SU6000RT4UTFHW Datasheet
554Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 6U Rack/Tower, LCD, USB, DB9 Serial
SU6000RT4UTFTAA TRIPPLITE-SU6000RT4UTFTAA Datasheet
180Kb / 6P
   SmartOnline 120/208/240V 6kVA On-Line UPS ??Double Conversion, 5.4kW, 6U, Network Card Option, TAA Compliant
More results

Similar Description - SU6000RT4UTF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU6000RT4UTFHW TRIPPLITE-SU6000RT4UTFHW Datasheet
554Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 6U Rack/Tower, LCD, USB, DB9 Serial
SU6000RT4U TRIPPLITE-SU6000RT4U_15 Datasheet
549Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 4U Rack/Tower, Bypass Switch
SU8000RT3U1TF TRIPPLITE-SU8000RT3U1TF_15 Datasheet
536Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 8U Rack/Tower, Bypass Switch
SU5000RT4U TRIPPLITE-SU5000RT4U Datasheet
543Kb / 6P
   SmartOnline 208/120V or 240/120V 5kVA 3.8kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 4U Rack/Tower, Bypass Switch
SU6000RT4UHVG TRIPPLITE-SU6000RT4UHVG Datasheet
539Kb / 6P
   SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU8000RT3UN50TF TRIPPLITE-SU8000RT3UN50TF Datasheet
544Kb / 6P
   SmartOnline 208/120V 8kVA 7.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Hubbell 50A CS8265, 6U Rack/Tower,Bypass Switch, 208/120V Outlets
SU6000RT4UHV TRIPPLITE-SU6000RT4UHV Datasheet
538Kb / 6P
   SmartOnline 200-240V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial, Bypass Switch
SU5000RT4UTF TRIPPLITE-SU5000RT4UTF Datasheet
518Kb / 6P
   SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
SU8000RT4U TRIPPLITE-SU8000RT4U_15 Datasheet
516Kb / 6P
   SmartOnline 240/208/120V 8kVA 5.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack-Tower, Split-Phase input, Bypass Switch
SU6000RT3U TRIPPLITE-SU6000RT3U_15 Datasheet
561Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U Rack/Tower, USB, DB9 Serial,Hardwire
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com