Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRCZ44 Datasheet(PDF) 2 Page - International Rectifier

Part # IRCZ44
Description  Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCZ44 Datasheet(HTML) 2 Page - International Rectifier

  IRCZ44 Datasheet HTML 1Page - International Rectifier IRCZ44 Datasheet HTML 2Page - International Rectifier IRCZ44 Datasheet HTML 3Page - International Rectifier IRCZ44 Datasheet HTML 4Page - International Rectifier IRCZ44 Datasheet HTML 5Page - International Rectifier IRCZ44 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
C-14
IRCZ44
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.060 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(ON)
Static Drain-to-Source On-Resistance
–––
––– 0.028
VGS = 10V, ID = 31A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
18
–––
–––
S
VDS = 25V, ID = 31A
–––
–––
25
VDS = 60V, VGS = 0V
–––
–––
250
VDS = 48V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
95
ID = 52A
Qgs
Gate-to-Source Charge
–––
–––
27
nC
VDS = 48V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
46
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
19
–––
VDD = 30V
tr
Rise Time
–––
120
–––
ID = 52A
td(off)
Turn-Off Delay Time
–––
55
–––
RG = 9.1Ω
tf
Fall Time
–––
86
–––
RD = 0.54Ω, See Fig. 10
„
L
D
Internal Drain Inductance
–––
4.5
–––
L
C
Internal Source Inductance
–––
7.5
–––
Ciss
Input Capacitance
––– 2500 –––
VGS = 0V
Coss
Output Capacitance
––– 1200 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
200
–––
ƒ = 1.0MHz, See Fig. 5
r
Current Sensing Ratio
2460 ––– 2720
–––
ID = 52A, VGS = 10V
Coss
Output Capacitance of Sensing Cells
–––
9.0
–––
pF
VGS = 0V, VDS = 25V, ƒ = 1.0MHz
nH
Between lead,
6 mm (0.25in.)
from package
and center of
die contact
Drain-to-Source Leakage Current
IDSS
IGSS
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
2.5
V
TJ = 25°C, IS = 52A, VGS = 0V
„
trr
Reverse Recovery Time
–––
140
300
ns
TJ = 25°C, IF = 52A
Qrr
Reverse Recovery Charge
–––
1.2
2.8
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Source-Drain Ratings and Characteristics
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
210
–––
–––
50*
A
S
D
G
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ V
DD = 25V, starting TJ = 25°C, L = 0.013mH
RG = 25Ω, IAS = 52A. (See Figure 12)
ƒ I
SD ≤ 52A, di/dt ≤ 250A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)


Similar Part No. - IRCZ44

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ44PBF IRF-IRCZ44PBF Datasheet
138Kb / 6P
   Simple Drive Requirements
More results

Similar Description - IRCZ44

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP044 IRF-IRFP044 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
IRLZ44S IRF-IRLZ44S Datasheet
282Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRLZ44 IRF-IRLZ44 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFZ48PBF IRF-IRFZ48PBF Datasheet
3Mb / 7P
   HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFP260N IRF-IRFP260N Datasheet
122Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A)
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com