Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5N3007FL-M0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # H5N3007FL-M0
Description  300V - 15A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N3007FL-M0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  H5N3007FL-M0_15 Datasheet HTML 1Page - Renesas Technology Corp H5N3007FL-M0_15 Datasheet HTML 2Page - Renesas Technology Corp H5N3007FL-M0_15 Datasheet HTML 3Page - Renesas Technology Corp H5N3007FL-M0_15 Datasheet HTML 4Page - Renesas Technology Corp H5N3007FL-M0_15 Datasheet HTML 5Page - Renesas Technology Corp H5N3007FL-M0_15 Datasheet HTML 6Page - Renesas Technology Corp H5N3007FL-M0_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
H5N3007FL-M0
Preliminary
R07DS0995EJ0100 Rev.1.00
Page 2 of 6
Jan 09, 2013
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
300
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
10
AV
DS = 300 V, VGS = 0
Gate to source leak current
IGSS
0.1
AV
GS = 30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
1.5
4.0
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|
9
15
S
ID = 7.5 A, VDS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
0.12
0.16
ID = 7.5 A, VGS = 10 V
Note4
Input capacitance
Ciss
2180
pF
Output capacitance
Coss
275
pF
Reverse transfer capacitance
Crss
77
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
35
ns
Rise time
tr
50
ns
Turn-off delay time
td(off)
160
ns
Fall time
tf
40
ns
ID = 7.5 A
VGS = 10 V
RL = 20 
Rg = 10
Total gate charge
Qg
80
nC
Gate to source charge
Qgs
10
nC
Gate to drain charge
Qgd
40
nC
VDD = 240 V
VGS = 10 V
ID = 15 A
Body-drain diode forward voltage
VDF
0.85
1.30
V
IF = 15 A, VGS = 0
Note4
Body-drain diode reverse recovery time
trr
110
ns
IF = 15 A, VGS = 0
diF/dt = 100 A/s
Notes: 4. Pulse test


Similar Part No. - H5N3007FL-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N3007FL-M0-ET2 RENESAS-H5N3007FL-M0-ET2 Datasheet
101Kb / 7P
   300V - 15A - MOS FET High Speed Power Switching
More results

Similar Description - H5N3007FL-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N3007FL-M0 RENESAS-H5N3007FL-M0 Datasheet
101Kb / 7P
   300V - 15A - MOS FET High Speed Power Switching
RJK4012DPE RENESAS-RJK4012DPE_12 Datasheet
87Kb / 7P
   400V - 15A - MOS FET High Speed Power Switching
RJK4012DPE RENESAS-RJK4012DPE_15 Datasheet
87Kb / 7P
   400V - 15A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_12 Datasheet
99Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4036DP3-A0 RENESAS-RJK4036DP3-A0 Datasheet
71Kb / 4P
   400V - 3A - MOS FET High Speed Power Switching
RJK4502DJE RENESAS-RJK4502DJE Datasheet
59Kb / 4P
   450V - 2.8A - MOS FET High Speed Power Switching
RJK4532DPH-E0 RENESAS-RJK4532DPH-E0 Datasheet
99Kb / 7P
   450V - 4A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com