Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP48N055DLE-S12-AYNote1,2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP48N055DLE-S12-AYNote1,2
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP48N055DLE-S12-AYNote1,2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP48N055DLE-S12-AYNote1,2 Datasheet HTML 1Page - Renesas Technology Corp NP48N055DLE-S12-AYNote1,2 Datasheet HTML 2Page - Renesas Technology Corp NP48N055DLE-S12-AYNote1,2 Datasheet HTML 3Page - Renesas Technology Corp NP48N055DLE-S12-AYNote1,2 Datasheet HTML 4Page - Renesas Technology Corp NP48N055DLE-S12-AYNote1,2 Datasheet HTML 5Page - Renesas Technology Corp NP48N055DLE-S12-AYNote1,2 Datasheet HTML 6Page - Renesas Technology Corp NP48N055DLE-S12-AYNote1,2 Datasheet HTML 7Page - Renesas Technology Corp NP48N055DLE-S12-AYNote1,2 Datasheet HTML 8Page - Renesas Technology Corp NP48N055DLE-S12-AYNote1,2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet D14095EJ5V0DS
2
NP48N055ELE, NP48N055KLE, NP48N055CLE, NP48N055DLE, NP48N055MLE, NP48N055NLE
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
55
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
±48
A
Drain Current (pulse)
Note1
ID(pulse)
±140
A
Total Power Dissipation (TA = 25
°C)
PT
1.8
W
Total Power Dissipation (TC = 25
°C)
PT
85
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Single Avalanche Current
Note2
IAS
46/27/10
A
Single Avalanche Energy
Note2
EAS
2.1/73/100
mJ
Notes 1. PW
≤ 10
μs, Duty cycle ≤ 1%
2. Starting Tch = 25
°C, RG = 25 Ω, VGS = 20 → 0 V (see Figure 4.)
THERMAL RESISTANCE
Channel to Case Thermal Resistance
Rth(ch-C)
1.76
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
83.3
°C/W


Similar Part No. - NP48N055DLE-S12-AYNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
NP48N055DLE-S12-AY NEC-NP48N055DLE-S12-AY Datasheet
220Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP48N055DLE-S12-AY RENESAS-NP48N055DLE-S12-AY Datasheet
307Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP48N055DLE-S12-AYNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com