Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2723T Datasheet(PDF) 9 Page - NEC

Part # UPC2723T
Description  -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2723T Datasheet(HTML) 9 Page - NEC

Back Button UPC2723T Datasheet HTML 5Page - NEC UPC2723T Datasheet HTML 6Page - NEC UPC2723T Datasheet HTML 7Page - NEC UPC2723T Datasheet HTML 8Page - NEC UPC2723T Datasheet HTML 9Page - NEC UPC2723T Datasheet HTML 10Page - NEC UPC2723T Datasheet HTML 11Page - NEC UPC2723T Datasheet HTML 12Page - NEC UPC2723T Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
µµµµPC8130TA, µµµµPC8131TA
TYPICAL CHARACTERISTICS
µµµµPC8130TA
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
GAIN CONTROL CURRENT vs. GAIN CONTROL VOLTAGE
CIRCUIT CURRENT vs. OPERATING AMBIENT TEMPERATURE
CURRENT INTO OUTPUT PIN AND CURRENT
INTO VCC PIN vs. GAIN CONTROL VOLTAGE
20
18
16
14
12
10
8
6
4
2
0
0
0.5
1
1.5
2
Supply Voltage VCC (V)
2.5
3
3.5
4
0.2
0.18
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
0
0
0.5
1
1.5
2
Gain Control Voltage VAGC (V)
2.5
3
3.5
4
14
12
10
8
6
4
2
0
-40
-20
0
20
40
Operating Ambient Temperature TA (
°C)
60
80
100
16
14
12
10
8
6
4
2
0
0
0.5
1
1.5
2
Gain Control Voltage VAGC (V)
2.5
3
3.5
4
no signals
no signals
no signals
no signals
S11 vs. FREQUENCY
VCC = VAGC = 3.0 V (GPMAX), Pin =
−20 dBm
S11
: 950 MHz
69.594
Ω −8.9766 Ω
: 1.44 GHz
58.973
Ω −22.688 Ω
: 1.9 GHz
48.133
Ω −23.941 Ω
1
2
2
3
3
START 100.000 000 MHz
STOP 3 100.000 000 MHz
S22 vs. FREQUENCY
VCC = VAGC = 3.0 V (GPMAX), Pin =
−20 dBm
S22
: 950 MHz
15.859
Ω −208.8 Ω
: 1.44 GHz
32.234
Ω −150.07 Ω
: 1.9 GHz
24.711
Ω −131.8 Ω
1
2
2
3
START 800.000 000 MHz
STOP 2 700.000 000 MHz
VCC = 2.7 V
VCC = 3.0 V
VCC = 3.3 V
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = .3.3 V
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 3.0 V
Iout
IVCC
1
1


Similar Part No. - UPC2723T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2723T NEC-UPC2723T Datasheet
178Kb / 12P
   1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
UPC2723T NEC-UPC2723T Datasheet
550Kb / 52P
   VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
UPC2723T-E3 NEC-UPC2723T-E3 Datasheet
178Kb / 12P
   1.1 GHz AGC AMPLIFIER FOR DBS TUNER AND MOBILE TELEPHONE
More results

Similar Description - UPC2723T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8119T NEC-UPC8119T Datasheet
550Kb / 52P
   VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
   Cellular-band Variable Gain Amplifier
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
   BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
   BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com