Electronic Components Datasheet Search |
|
NP75N04VUK Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
NP75N04VUK Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 8 page R07DS0954EJ0100 Rev.1.00 Page 1 of 6 Nov 20, 2012 Preliminary Data Sheet NP75N04VUK 40 V – 75 A – N-channel Power MOS FET Application: Automotive Description The NP75N04VUK is N-channel MOS Field Effect Transistor designed for high current switching applications. Features Super low on-state resistance RDS(on) = 5.7 m MAX. (VGS = 10 V, ID = 38 A) Low C iss: Ciss = 1630 pF TYP. (VDS = 25 V) Designed for automotive application and AEC-Q101 qualified Ordering Information Part No. Lead Plating Packing Package NP75N04VUK-E1-AY * 1 Taping (E1 type) NP75N04VUK-E2-AY * 1 Pure Sn (Tin) Tape 2500 p/reel Taping (E2 type) TO-252 (MP-3ZP) Note: *1 Pb-free (This product does not contain Pb in the external electrode) Absolute Maximum Ratings (TA = 25°C) Item Symbol Ratings Unit Drain to Source Voltage (VGS = 0 V) VDSS 40 V Gate to Source Voltage (VDS = 0 V) VGSS 20 V Drain Current (DC) (TC = 25°C) ID(DC) 75 A Drain Current (pulse) * 1 ID(pulse) 225 A Total Power Dissipation (TC = 25°C) PT1 75 W Total Power Dissipation (TA = 25°C) PT2 1.2 W Channel Temperature Tch 175 °C Storage Temperature Tstg –55 to +175 °C Repetitive Avalanche Current * 2 IAR 22 A Repetitive Avalanche Energy * 2 EAR 48 mJ Notes: *1 TC = 25°C, PW 10 s, Duty Cycle 1% *2 RG = 25 , VGS = 20 V 0 V Thermal Resistance Channel to Case Thermal Resistance Rth(ch-C) 2.00 °C/W Channel to Ambient Thermal Resistance Rth(ch-A) 125 °C/W R07DS0954EJ0100 Rev.1.00 Nov 20, 2012 |
Similar Part No. - NP75N04VUK_15 |
|
Similar Description - NP75N04VUK_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |