Electronic Components Datasheet Search |
|
SU12000RT4U Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved |
|
SU12000RT4U Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved |
5 / 6 page UPS Shipping Dimensions (hwd / cm) 115.6 x 59.7 x 87.1 Shipping Weight (lbs.) 448.8 Shipping Weight (kg) 203.8 Cooling Method Fan UPS Housing Material Steel ENVIRONMENTAL Operating Temperature Range +32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius. Storage Temperature Range +5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius. Relative Humidity 0 to 95%, non-condensing AC Mode BTU / Hr. (Full Load) 4286 AC Economy Mode BTU / Hr. (Full Load) 1828 Battery Mode BTU / Hr. (Full Load) 3187 AC Mode Efficiency Rating (100% Load) 87% AC Economy Mode Efficiency Rating (100% Load) 94% Operating Elevation (ft.) 0-3000m (0 to 10,000 ft.) Audible Noise 60 dBA at front side 1 meter Operating Elevation (m) 0-3000 m COMMUNICATIONS Communications Interface USB (HID enabled); DB9 Serial; Contact closure; EPO (emergency power off); Slot for SNMP/Web interface Network Monitoring Port Description RS232 and contact closure communications are supported on one DB9 port PowerAlert Software Included Communications Cable USB and DB9 cabling included LINE / BATTERY TRANSFER Transfer Time No transfer time (0 ms.) in online, double-conversion mode Transfer Time (Economy Mode) 2 milliseconds typical in optional economy mode Low Voltage Transfer to Battery Power (Setpoint) 65V (L1-N:L2-N) High Voltage Transfer to Battery Power (Setpoint) 140V (L1-N:L2-N) SPECIAL FEATURES Cold Start (Startup in Battery Mode During a Power Failure) Cold-start operation supported 5 / 6 |
Similar Part No. - SU12000RT4U |
|
Similar Description - SU12000RT4U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |