Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU12000RT4U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SU12000RT4U
Description  SmartOnline 240/120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU12000RT4U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SU12000RT4U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU12000RT4U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU12000RT4U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU12000RT4U Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU12000RT4U Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU12000RT4U Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartOnline 240/120V or 208/120V 12kVA 8.4kW
On-Line Double-Conversion UPS, Extended Run,
SNMP, Webcard, 8U Rack/Tower, USB, DB9 Serial
MODEL NUMBER: SU12000RT4U
Description
Tripp Lite 12kVA SmartOnline Hot-Swappable Modular Rack/Tower UPS offers 12,000 VA on-line,
double-conversion UPS support for server, network and telecommunications equipment. Maintains
battery-derived AC output during blackouts with active, full-time power conditioning. Fault-tolerant auto-bypass
prevents unexpected service interruptions during overload or internal fault conditions. 4U power module and 4U
external battery pack installs in 8 rack spaces (8U). Upright tower installation supported with optional
accessories. Maintains full-time sine wave output within 3% of selectable 208/120 or 240/120V AC. Corrects
brownouts and overvoltages from 65V to 140V (L-N). Expandable runtime with optional external battery packs.
Converts raw input from AC to DC, then resynthesizes output power back to perfect sine wave AC output with
enhanced protection from harmonic distortion, fast electrical impulses and other hard-to-solve power problems
not addressed by other UPS types. Highly efficient operation in optional economy mode setting, saving BTU heat
output and energy costs. Network-grade AC surge and noise suppression. Network management interfaces include combination DB9 RS-232 enabled and dry
contact serial port, enhanced USB port and SNMPWEBCARD slot. HID-compliant USB interface enables integration with built-in power management and auto
shutdown features of Windows and Mac OS X. Supports simultaneous detailed monitoring of equipment load levels, self-test data and utility power conditions
via all 3 network interfaces. Includes PowerAlert monitoring software and complete cabling. Supports Emergency Power Off (EPO) via built-in interface. Front
panel LEDs and LCD readout with scroll controls support visual monitoring of all major UPS functions. LED/LCD display panel easily rotates for viewing in
rackmount or tower configurations. Split phase 4 conductor hardwire input and output supported. UPS supported outlets include two L6-30R, six C19 and 5
low voltage 5-15/20R. Output connections are mounted on a detachable backplate with manual bypass switch to enable hot-swappable UPS replacement
without powering off connected equipment. External battery packs are field replaceable and hot swappable. Attractive all-black color scheme. $250,000
Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only).
Features
True online, double-conversion UPS provides pure, full-time sine wave AC output free of surges, voltage fluctuations and line noise
12,000 VA / 8400 watt output power capacity with dual voltage output of 208/120 or 240/120V
4U high power density power module and 4U external battery pack supports rackmount installation in 8 rack spaces
Highlights
12kVA / 12,000VA / 8400W
on-line double-conversion UPS
208/120V or 240/120V +/-3%
output at 60Hz, 94% Efficient
Economy-mode option
8U Rack / Tower compatible;
Hot-swappable power and
battery modules
USB, RS232 & EPO ports;
support for SNMP/WEB card
options
Front panel LEDs with detailed
LCD monitoring and control
screen
Expandable runtime with optional
external battery packs
Hardwire input (4 wire split
phase); L6-30R, C19 & 5-15/20R
outlets
Package Includes
SU12000RT4UPM 4u UPS
Power Module
BP192V18-4U External battery
pack
SUPDMB16K Detachable PDU
with manual bypass switch
4 post rackmount installation
brackets
1 / 6


Similar Part No. - SU12000RT4U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU12000RT4UHW TRIPPLITE-SU12000RT4UHW Datasheet
549Kb / 6P
   SmartOnline 240-120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 8U, USB, DB9 Serial, Hardwire
More results

Similar Description - SU12000RT4U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU12000RT4UHW TRIPPLITE-SU12000RT4UHW Datasheet
549Kb / 6P
   SmartOnline 240-120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 8U, USB, DB9 Serial, Hardwire
SU16000RT4UHW TRIPPLITE-SU16000RT4UHW_15 Datasheet
549Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 11.2kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial, Hardwire
SU16000RT4U TRIPPLITE-SU16000RT4U_15 Datasheet
552Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 11.2kW On-Line Double-Cnversion UPS, Extended Run,SNMP, Webcard, 8U Rack/Tower, USB, DB9 Serial
SU6000RT3U TRIPPLITE-SU6000RT3U_15 Datasheet
561Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U Rack/Tower, USB, DB9 Serial,Hardwire
SU6000RT4UTFHW TRIPPLITE-SU6000RT4UTFHW Datasheet
554Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 6U Rack/Tower, LCD, USB, DB9 Serial
SU20KRT1TF TRIPPLITE-SU20KRT1TF Datasheet
564Kb / 6P
   SmartOnline 208-120V or 240-120V 20kVA 18kW, On-Line Double-Conversion UPS, N1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
SU5000RT4UTF TRIPPLITE-SU5000RT4UTF Datasheet
518Kb / 6P
   SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
SU5000RT3U TRIPPLITE-SU5000RT3U_15 Datasheet
533Kb / 6P
   SmartOnline 208/120V 5kVA 3.5kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 7U Rack/Tower, USB, DB9 Serial
SU10KRT3U TRIPPLITE-SU10KRT3U_15 Datasheet
555Kb / 6P
   SmartOnline 240-120V or 208-120V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U, USB, DB9 Serial, Hardwire
SU16KRT1TF TRIPPLITE-SU16KRT1TF Datasheet
562Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 14.4kW On-Line Double-Conversion UPS, N plus 1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com