Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU16000RT4U Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SU16000RT4U
Description  SmartOnline 208-120V or 240-120V 16kVA 11.2kW On-Line Double-Cnversion UPS, Extended Run,SNMP, Webcard, 8U Rack/Tower, USB, DB9 Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU16000RT4U Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SU16000RT4U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU16000RT4U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU16000RT4U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU16000RT4U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU16000RT4U_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU16000RT4U_15 Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Front Panel LCD Display
Selectable LCD display with scroll and selection buttons enables UPS control and detailed monitoring options;
LED/LCD panel rotates for viewing in rack/tower formats
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; 2 additional switches support set and
execute scrolling LCD functions; bundled PDU includes bypass switch to enable hot-swap UPS power module
replacement
Alarm Cancel Operation
Alarm cancel switch
Audible Alarm
Unique audible alarms for all major UPS, environmental and power conditions (see manual)
LED Indicators
6 LEDs indicate line power, online mode, economy/bypass mode, on-battery, charger and AC output status; LCD
screen offers additional information and control options
SURGE / NOISE SUPPRESSION
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Included Mounting Accessory
Description
2 sets of adjustable 4 post rack rails included
Installation Form Factors Supported
with Optional Accessories
2 post rackmount (2POSTRMKITHD); Tower (2-9USTAND)
Optional Mounting Accessory Notes
2 sets of 2POSTRMKITHD required for 2 post rackmount installation of separate power module and battery pack
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
7 x 17.5 x 33.9
UPS Power Module Dimensions
(hwd, cm)
17.8 x 44.4 x 86.1
Installed Whole System Maximum
Rack Depth (in.)
40.5
Installed Whole System Maximum
Rack Depth (cm)
102.9
Rack Height (U Spaces)
8
UPS Power Module Weight (lbs.)
86
UPS Power Module Weight (kg)
39
UPS Dimensions Details
Includes 4U battery pack, 4U power module and detachable output PDU; Installed whole system rack depth
specification indicates the depth of the UPS power module with the PDU attached
Included Battery Pack Dimensions
(hwd / in.)
7 x 17.5 x 27.8
Included Battery Pack Dimensions
(hwd / cm)
17.7 x 44.4 x 70.6
Included Battery Pack Weight (lbs.)
239
Included Battery Pack Weight (kg)
108.5
UPS Shipping Dimensions (hwd / in.)
45.5 x 23.5 x 34.3
4 / 6


Similar Part No. - SU16000RT4U_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU16000RT4UHW ETC2-SU16000RT4UHW Datasheet
551Kb / 7P
   SmartOnline 16kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V or 240/120V
logo
Tripp Lite. All Rights ...
SU16000RT4UHW TRIPPLITE-SU16000RT4UHW_15 Datasheet
549Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 11.2kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial, Hardwire
More results

Similar Description - SU16000RT4U_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU16000RT4UHW TRIPPLITE-SU16000RT4UHW_15 Datasheet
549Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 11.2kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial, Hardwire
SU12000RT4U TRIPPLITE-SU12000RT4U Datasheet
550Kb / 6P
   SmartOnline 240/120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SU16000RT4U ETC2-SU16000RT4U Datasheet
559Kb / 8P
   SmartOnline 16kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V or 240/120V
logo
Tripp Lite. All Rights ...
SU12000RT4UHW TRIPPLITE-SU12000RT4UHW Datasheet
549Kb / 6P
   SmartOnline 240-120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 8U, USB, DB9 Serial, Hardwire
logo
List of Unclassifed Man...
SU16000RT4UHW ETC2-SU16000RT4UHW Datasheet
551Kb / 7P
   SmartOnline 16kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V or 240/120V
logo
Tripp Lite. All Rights ...
SU16KRT1TF TRIPPLITE-SU16KRT1TF Datasheet
562Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 14.4kW On-Line Double-Conversion UPS, N plus 1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
SU6000RT3U TRIPPLITE-SU6000RT3U_15 Datasheet
561Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U Rack/Tower, USB, DB9 Serial,Hardwire
SU6000RT4UTFHW TRIPPLITE-SU6000RT4UTFHW Datasheet
554Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 6U Rack/Tower, LCD, USB, DB9 Serial
SU20KRT1TF TRIPPLITE-SU20KRT1TF Datasheet
564Kb / 6P
   SmartOnline 208-120V or 240-120V 20kVA 18kW, On-Line Double-Conversion UPS, N1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
SU5000RT4UTF TRIPPLITE-SU5000RT4UTF Datasheet
518Kb / 6P
   SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com