Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP84N055EHE Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP84N055EHE
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP84N055EHE Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button NP84N055EHE_15 Datasheet HTML 2Page - Renesas Technology Corp NP84N055EHE_15 Datasheet HTML 3Page - Renesas Technology Corp NP84N055EHE_15 Datasheet HTML 4Page - Renesas Technology Corp NP84N055EHE_15 Datasheet HTML 5Page - Renesas Technology Corp NP84N055EHE_15 Datasheet HTML 6Page - Renesas Technology Corp NP84N055EHE_15 Datasheet HTML 7Page - Renesas Technology Corp NP84N055EHE_15 Datasheet HTML 8Page - Renesas Technology Corp NP84N055EHE_15 Datasheet HTML 9Page - Renesas Technology Corp NP84N055EHE_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet D14099EJ6V0DS
4
NP84N055EHE, NP84N055KHE, NP84N055CHE, NP84N055DHE, NP84N055MHE, NP84N055NHE
TYPICAL CHARACTERISTICS (TA = 25
°C)
Figure1. DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
0
25
50
75
100 125 150 175 200
20
40
60
80
100
TC - Case Temperature -
°C
0
Figure2. TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature -
°C
0
25
50
75
100 125 150 175 200
280
240
200
160
120
80
40
0
VDS - Drain to Source Voltage - V
1
0.1
100
1
10
100
ID(pulse)
10
1000
1 ms
100
μs
PW
=
10
μs
ID(DC)
0.1
Figure3. FORWARD BIAS SAFE OPERATING AREA
TC = 25
°C
Single Pulse
Power
Dissipation
Limited
DC
R
DS(on)
Limited
(V
GS
=
10
V)
Figure4. SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature -
°C
25
50
75
100
125
150
175
450
400
350
300
250
200
150
100
50
0
56 A
84 A
313 mJ
441 mJ
70 mJ
IAS = 21 A
Figure5. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
Single Pulse
Rth(ch-A) = 83.3
°C/W
10
100
Rth(ch-C) = 0.75
°C/W
μ
μ


Similar Part No. - NP84N055EHE_15

ManufacturerPart #DatasheetDescription
logo
NEC
NP84N055EHE-E1-AY NEC-NP84N055EHE-E1-AY Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP84N055EHE-E1-AY RENESAS-NP84N055EHE-E1-AY Datasheet
306Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
NP84N055EHE-E2-AY NEC-NP84N055EHE-E2-AY Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP84N055EHE-E2-AY RENESAS-NP84N055EHE-E2-AY Datasheet
306Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP84N055EHE_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com