Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF130 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF130
Description  TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF130 Datasheet(HTML) 3 Page - International Rectifier

  IRF130 Datasheet HTML 1Page - International Rectifier IRF130 Datasheet HTML 2Page - International Rectifier IRF130 Datasheet HTML 3Page - International Rectifier IRF130 Datasheet HTML 4Page - International Rectifier IRF130 Datasheet HTML 5Page - International Rectifier IRF130 Datasheet HTML 6Page - International Rectifier IRF130 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
IRF130
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics


Similar Part No. - IRF130

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF130 SEME-LAB-IRF130 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF130 FAIRCHILD-IRF130 Datasheet
180Kb / 6P
   N-Channel Power MOSFETs, 20 A, 60-100 V
logo
Intersil Corporation
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRF130 NJSEMI-IRF130 Datasheet
106Kb / 3P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
More results

Similar Description - IRF130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
IRF350 IRF-IRF350 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.300ohm, Id=14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
IRF140 IRF-IRF140 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com