Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP88N055DHE-S12-AYNote1,2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP88N055DHE-S12-AYNote1,2
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP88N055DHE-S12-AYNote1,2 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button NP88N055DHE-S12-AYNote1,2 Datasheet HTML 2Page - Renesas Technology Corp NP88N055DHE-S12-AYNote1,2 Datasheet HTML 3Page - Renesas Technology Corp NP88N055DHE-S12-AYNote1,2 Datasheet HTML 4Page - Renesas Technology Corp NP88N055DHE-S12-AYNote1,2 Datasheet HTML 5Page - Renesas Technology Corp NP88N055DHE-S12-AYNote1,2 Datasheet HTML 6Page - Renesas Technology Corp NP88N055DHE-S12-AYNote1,2 Datasheet HTML 7Page - Renesas Technology Corp NP88N055DHE-S12-AYNote1,2 Datasheet HTML 8Page - Renesas Technology Corp NP88N055DHE-S12-AYNote1,2 Datasheet HTML 9Page - Renesas Technology Corp NP88N055DHE-S12-AYNote1,2 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet D14148EJ8V0DS
4
NP88N055EHE, NP88N055KHE, NP88N055CHE, NP88N055DHE, NP88N055MHE, NP88N055NHE
TYPICAL CHARACTERISTICS (TA = 25
°C)
Figure2. TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature -
°C
0
0
25
50
75
100
125
150
175
200
350
300
250
200
150
100
50
Figure1. DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
0
0
25
50
75
100
125
150
175
200
20
40
60
80
100
Figure4. SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature -
°C
0
25
100
400
600
800
50
75
100
125
150
175
500
300
200
700
TC - Case Temperature -
°C
IAS = 65 A
88 A
422 mJ
15 mJ
PW - Pulse Width - s
Figure5. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1 000
10
100
μ
μ
Single Pulse
Rth(ch-A) = 83.3
°C/W
TC = 25
°C
Rth(ch-C) = 0.52
°C/W
Figure3. FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
10
1
0.1
100
0.1
1000
1
10
100
ID(pulse)
R
DS(on)
Limited
(V
GS
= 10
V)
ID(DC)
1 ms
10
ms
DC
Po
wer
Dissipation
Limited
TC = 25
°C
Single Pulse
100
μs
PW
=
10
μs


Similar Part No. - NP88N055DHE-S12-AYNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
NP88N055DHE-S12-AY NEC-NP88N055DHE-S12-AY Datasheet
207Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP88N055DHE-S12-AY RENESAS-NP88N055DHE-S12-AY Datasheet
294Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP88N055DHE-S12-AYNote1,2

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com