Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUINT2200RTXL2UA Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SUINT2200RTXL2UA
Description  SmartOnline 200-240V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SUINT2200RTXL2UA Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SUINT2200RTXL2UA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SUINT2200RTXL2UA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SUINT2200RTXL2UA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SUINT2200RTXL2UA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SUINT2200RTXL2UA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SUINT2200RTXL2UA Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Frequency Compatibility Details
Output frequency matches input nominal on startup, defaults to 50 Hz on cold-start
Output Voltage Regulation (Line
Mode)
+/- 3%
Output Voltage Regulation
(Economy Line Mode)
+/- 10%
Output Voltage Regulation (Battery
Mode)
+/- 3%
Output Receptacles
(4) C13; (2) C19
Included Output Power Cables
Includes 2 C13 to C14 and 1 C20 to C19 output power cables
Load Management Receptacles
Two switchable single-outlet C19 load banks
Hot-Swap PDU options
PDUBHV20 (2U / 6 C13, 2 C19 outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
9.7A (200V), 9.3A (208V), 8.8A (220V), 8.5A (230V), 8.1A (240V)
Nominal Input Voltage(s) Supported
200V AC; 220V AC; 230V AC; 240V AC
UPS Input Connection Type
C20 inlet
UPS Input Connection Description
C20 inlet accepts user-supplied AC power cord
Input Circuit Breakers
15A
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
5 min. (1600w)
Half Load Runtime (min.)
14 min. (800w)
Expandable Battery Runtime
Supports extended runtime with optional external battery packs
External Battery Pack Compatibility
BP48V24-2U (limit 1); BP48V60RT-3U (multi-pack compatible); BP48V27-2US (multi-pack compatible)
DC System Voltage (VDC)
48
Battery Recharge Rate (Included
Batteries)
Less than 6 hours from 10% to 80% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC94-2U
Battery Access
Front panel battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Online, double-conversion power conditioning
Overvoltage Correction
3% output voltage regulation during overvoltages to 275
3 / 6


Similar Part No. - SUINT2200RTXL2UA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUINT2200LCD2U TRIPPLITE-SUINT2200LCD2U Datasheet
512Kb / 6P
   SmartOnline 208/230V 2.2kVA 1.98kW Double-Conversion UPS, 2U, Extended Run, SNMP Card Option, LCD, USB, DB9, ENERGY STAR
More results

Similar Description - SUINT2200RTXL2UA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU2200RTXL2UA TRIPPLITE-SU2200RTXL2UA_15 Datasheet
494Kb / 6P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU2200RTXL2UN TRIPPLITE-SU2200RTXL2UN Datasheet
497Kb / 5P
   SmartOnline 120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard pre-installed, 2U Rack/Tower, USB, DB9 Serial
SU2200XLA TRIPPLITE-SU2200XLA Datasheet
515Kb / 5P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SUINT1000RTXL2UA TRIPPLITE-SUINT1000RTXL2UA Datasheet
492Kb / 5P
   SmartOnline 200-240V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1500RTXL2UA TRIPPLITE-SUINT1500RTXL2UA Datasheet
491Kb / 5P
   SmartOnline 200-240V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT3000RTXL2U TRIPPLITE-SUINT3000RTXL2U Datasheet
495Kb / 6P
   SmartOnline 200-240V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU5000RT4UHV TRIPPLITE-SU5000RT4UHV Datasheet
505Kb / 6P
   SmartOnline 200-240V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial
SUINT3000RTXL3U TRIPPLITE-SUINT3000RTXL3U Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, USB, DB9 Serial
SU2200RTXLCD2U TRIPPLITE-SU2200RTXLCD2U Datasheet
509Kb / 6P
   SmartOnline 100-127V 2.2kVA 1.8kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, LCD display, USB, DB9 Serial
SU3000RTXL3UHV TRIPPLITE-SU3000RTXL3UHV_15 Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com