Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB580 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SB580
Description  5.0A Axial Leaded Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SB580 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SB580 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SB580 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
30
60
90
120
150
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
100
1000
3000
0.1
1.0
10
100
T = 25 C
j
°
SB520 - SB540
SB550 - SB5100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 125 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
0.001
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
40
SB550 - SB560
SB520 - SB540
T - 25 C
j
°
I Pulse Width = 300 s
F
µ
0
025
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
1
2
4
5
3
Resistive or
Inductive Load
SB580 - SB5100
2of2


Similar Part No. - SB580

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB580 PANJIT-SB580 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Zibo Seno Electronic En...
SB580 ZSELEC-SB580 Datasheet
125Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
logo
Diotech Company.
SB580 DIOTECH-SB580 Datasheet
663Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SB580 YFWDIODE-SB580 Datasheet
74Kb / 2P
   5.0Amp Schottky Barrier Rectifiers
logo
Transys Electronics
SB580 TRSYS-SB580 Datasheet
165Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB580

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SR520 SUNMATE-SR520 Datasheet
178Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
logo
Formosa MS
SR520 FORMOSA-SR520_13 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
SR5150 FORMOSA-SR5150_13 Datasheet
127Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 150V-200V
logo
SUNMATE electronic Co.,...
SB220 SUNMATE-SB220 Datasheet
95Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
SB320 SUNMATE-SB320 Datasheet
157Kb / 2P
   3.0A Axial Leaded Schottky Barrier Diode
SR120 SUNMATE-SR120 Datasheet
189Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
SR320 SUNMATE-SR320 Datasheet
141Kb / 2P
   3.0A Axial Leaded Schottky Barrier Diode
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com