Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

855395 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855395
Description  141 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855395 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855395_15 Datasheet HTML 1Page - TriQuint Semiconductor 855395_15 Datasheet HTML 2Page - TriQuint Semiconductor 855395_15 Datasheet HTML 3Page - TriQuint Semiconductor 855395_15 Datasheet HTML 4Page - TriQuint Semiconductor 855395_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 855395
141 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
0 to +85 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency, f0
-
141
-
MHz
Insertion Loss at 141MHz
-
11.7
14
dB
Amplitude Variation
140.475 - 141.525 MHz
-
0.67
1
dB p-p
Attenuation
139.75
140.41
141.59
142.25
42.5
-
-
42.5
48
1
1
48
-
3.75
3.75
-
dB
dB
dB
dB
Phase Linearity
140.37 - 141.63 MHz
-
1.2
2
Deg RMS
Average Delay
140.37 - 141.63 MHz
2.34
2.44
2.54
µsec
Group Delay Variation
140.475 - 141.525 MHz
-
145
300
nsec
Rejection
79.75 - 139.75 MHz
142.25 - 202.25 MHz
42.5
42.5
>45
>45
-
-
dB
dB
Return Loss
140.475 - 141.525 MHz
10
13
-
dB
Source Impedance: (4)
-
50
-
Load Impedance: (4)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Manual Test Circuit:
50
Single-ended
2,3,4,5
7,8,9,10
50
56pF
104nH
56pF
16
104nH
50
Subject to change or obsolescence without notice
Rev A
08-Mar-2004
Page 2 of 5


Similar Part No. - 855395_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855395 TRIQUINT-855395 Datasheet
586Kb / 5P
   141 MHz SAW Filter
More results

Similar Description - 855395_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855395 TRIQUINT-855395 Datasheet
586Kb / 5P
   141 MHz SAW Filter
logo
API Technologies Corp
SF0141CD03092S APITECH-SF0141CD03092S Datasheet
157Kb / 3P
   141 MHz SAW Filter 1.25 MHz Bandwidth
SF0141CD11968S APITECH-SF0141CD11968S Datasheet
99Kb / 2P
   141 MHz SAW Filter 1.05 MHz Bandwidth
logo
KR Electronics, Inc.
3215-SMA KR-3215-SMA Datasheet
99Kb / 3P
   141 MHz Bandpass Filter
logo
Integrated Circuit Syst...
SF0141CD03092S ICST-SF0141CD03092S Datasheet
179Kb / 2P
   141 MHz Filter 1.25 MHz Bandwidth
SF0141CD11968S ICST-SF0141CD11968S Datasheet
180Kb / 2P
   141 MHz Filter 1.05 MHz Bandwidth
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com