Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM4734A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ZM4734A
Description  1 Watts Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ZM4734A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ZM4734A Datasheet HTML 1Page - SUNMATE electronic Co., LTD ZM4734A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Complete Voltage Range 3.0 to 100 Volts
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
·
·
ZM4728A-ZM4764A
0.216(5.5)
0.201(5.1)
0.110(2.8)
0.102(2.6)
0.020(0.5)
0.012(0.3)
0.020(0.5)
0.012(0.3)
DL-41
1 Watts Surface Mount Zener Diodes
For use in stabilizing and clipping circuits with
higher power rating.
Standard zener voltage tolerance is
± 5%.
Other zener voltages and tolerances are
available upon request.
These diodes are also available in the D -41
case with type designation 1N4728A ... 1N4764A
po
Silicon planar
wer zener diodes
L
e
Cas : MELF Glass Case
Weight : 0.25 g (approximately)
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Maximum Forward Voltage at IF = 200 mA.
VF
1.2
V
Power Dissipation
PD
1
1)
W
Thermal Resistance Junction to Ambient Air
RθJA
170
(1)
°C/W
Junction temperature
TJ
-65 to + 200
°C
Storage temperature range
TS
-65 to + 200
°C
Note: (1) Valid provided that electrodes are kept at ambient temperature
Parameter
·


Similar Part No. - ZM4734A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4734A DIODES-ZM4734A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
ZM4734A VISHAY-ZM4734A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
logo
TAITRON Components Inco...
ZM4734A TAITRON-ZM4734A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Vishay Siliconix
ZM4734A VISHAY-ZM4734A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
ZM4734A VISHAY-ZM4734A Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.4, 12-Dec-05
More results

Similar Description - ZM4734A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
   1 Watts Surface Mount Zener Diodes
SMAZ5V1 SUNMATE-SMAZ5V1 Datasheet
125Kb / 2P
   1 Watts Surface Mount Zener Diodes
1SMA4728A SUNMATE-1SMA4728A Datasheet
79Kb / 2P
   1 Watts Sueface Mount Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
   1.3 Watts Surface Mount Zener Diodes
BZG03C10 SUNMATE-BZG03C10 Datasheet
170Kb / 2P
   3 Watts Surface Mount Zener Diodes
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
Z3SMB6V2 SUNMATE-Z3SMB6V2 Datasheet
209Kb / 2P
   3 Watts Surface Mount Zener Diodes
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
Taiwan Semiconductor Co...
1SMC5352 TSC-1SMC5352 Datasheet
229Kb / 5P
   5.0 Watts Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
SMBJ5333B SUNMATE-SMBJ5333B Datasheet
279Kb / 2P
   5 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com