Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR024N Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # IRLR024N
Description  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLR024N Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

Back Button IRLR024N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLR024N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLR024N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLR024N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLR024N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLR024N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLR024N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLR024N Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLR024N Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFETS
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*
IRFR/U024N
www.kersemi.com
2014-8-15
7


Similar Part No. - IRLR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR024N IRF-IRLR024N Datasheet
162Kb / 10P
   HEXFET Power MOSFET
IRLR024N IRF-IRLR024N Datasheet
173Kb / 11P
   Logic-Level Gate Drive
logo
Inchange Semiconductor ...
IRLR024N ISC-IRLR024N Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR024NPBF IRF-IRLR024NPBF Datasheet
304Kb / 10P
   HEXFET Power MOSFET
IRLR024NPBF IRF-IRLR024NPBF Datasheet
313Kb / 11P
   Logic-Level Gate Drive
More results

Similar Description - IRLR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com