Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMNISMART300PNP Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # OMNISMART300PNP
Description  OmniSmart 120V 300VA 180W Line-Interactive UPS,Tower, USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNISMART300PNP Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  OMNISMART300PNP_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNISMART300PNP_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNISMART300PNP_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNISMART300PNP_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved OMNISMART300PNP_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Supports Tripp Lite's WatchDog Service Monitoring/Rebooting Software (part # WATCHDOGSW)
Built-in dataline suppression jacks protect a single dialup tel/DSL line
Built-in audible alarm and 4 front panel LEDs indicate UPS system and line power status
350VA/180W power-handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment
Supports battery replacement via built-in access panel
Compatible with 120V/60Hz applications for USA, Canada, Mexico and more
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
$200,000 connected equipment insurance (USA and Canada Only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
300
Output Watt Capacity (Watts)
180
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-18%, +8%
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(3) 5-15R
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
2.1A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Cord Length (ft.)
6
Input Cord Length (m)
1.8
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
10.8 min. (180w)
2 / 5


Similar Part No. - OMNISMART300PNP_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNISMART300PNP ETC2-OMNISMART300PNP Datasheet
497Kb / 6P
   OmniSmart 300VA Tower Line-Interactive 120V UPS with USB port
logo
Tumbler Technologies + ...
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
   OmniSmart 300VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
OMNISMART300PNP TRIPPLITE-OMNISMART300PNP Datasheet
163Kb / 5P
   OmniSmart 120V 300VA 180W Line-Interactive UPS, Tower, USB port
More results

Similar Description - OMNISMART300PNP_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNISMART300PNP TRIPPLITE-OMNISMART300PNP Datasheet
163Kb / 5P
   OmniSmart 120V 300VA 180W Line-Interactive UPS, Tower, USB port
logo
List of Unclassifed Man...
OMNISMART300PNP ETC2-OMNISMART300PNP Datasheet
497Kb / 6P
   OmniSmart 300VA Tower Line-Interactive 120V UPS with USB port
logo
Tumbler Technologies + ...
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
   OmniSmart 300VA Tower Line-Interactive 120V UPS
logo
List of Unclassifed Man...
OMNISMART1050 ETC2-OMNISMART1050 Datasheet
495Kb / 6P
   OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
logo
Tumbler Technologies + ...
OMNISMART500 TRUMPOWER-OMNISMART500 Datasheet
493Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
List of Unclassifed Man...
OMNISMART500 ETC2-OMNISMART500 Datasheet
502Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART1050 TRIPPLITE-OMNISMART1050_15 Datasheet
492Kb / 5P
   OmniSmart 120V 1050VA 705W Line-Interactive UPS, Tower, USB port
OMNISMART1050 TRIPPLITE-OMNISMART1050 Datasheet
492Kb / 5P
   OmniSmart 1050VA Tower Line-Interactive 120V UPS with USB port
OMNISMART1400 TRIPPLITE-OMNISMART1400 Datasheet
488Kb / 5P
   OmniSmart 1400VA Tower Line-Interactive 120V UPS with USB port
OMNISMART500 TRIPPLITE-OMNISMART500_15 Datasheet
499Kb / 5P
   OmniSmart 120V 500VA 300W Line-Interactive UPS,Tower, USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com