Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1902 Datasheet(PDF) 6 Page - International Rectifier

Part # IRF1902
Description  Power MOSFET(Vdss=20V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1902 Datasheet(HTML) 6 Page - International Rectifier

  IRF1902 Datasheet HTML 1Page - International Rectifier IRF1902 Datasheet HTML 2Page - International Rectifier IRF1902 Datasheet HTML 3Page - International Rectifier IRF1902 Datasheet HTML 4Page - International Rectifier IRF1902 Datasheet HTML 5Page - International Rectifier IRF1902 Datasheet HTML 6Page - International Rectifier IRF1902 Datasheet HTML 7Page - International Rectifier IRF1902 Datasheet HTML 8Page - International Rectifier IRF1902 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF1902
6
www.irf.com
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 12. Typical On-Resistance Vs. Gate
Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
VGS
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
2.0
4.0
6.0
8.0
VGS, Gate -to -Source Voltage (V)
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
ID = 4.2A
0
5
10
15
20
ID , Drain Current (A)
0.000
0.500
1.000
1.500
2.000
2.500
3.000
VGS = 4.5V
VGS = 2.7V


Similar Part No. - IRF1902

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1902PBF IRF-IRF1902PBF Datasheet
134Kb / 9P
   HEXFET Power MOSFET
IRF1902TRPBF IRF-IRF1902TRPBF Datasheet
139Kb / 9P
   Ultra Low On-Resistance
More results

Similar Description - IRF1902

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
   Power MOSFET(Vdss=-20V)
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
   Power MOSFET(Vdss=20V)
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
   Power MOSFET(Vdss=-20V)
IRF5806 IRF-IRF5806 Datasheet
218Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
   Power MOSFET(Vdss=-20V)
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
   DirectFET??Power MOSFET(Vdss=20V)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com