Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA812 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA812
Description  PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA812 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA812_15 Datasheet HTML 1Page - Renesas Technology Corp 2SA812_15 Datasheet HTML 2Page - Renesas Technology Corp 2SA812_15 Datasheet HTML 3Page - Renesas Technology Corp 2SA812_15 Datasheet HTML 4Page - Renesas Technology Corp 2SA812_15 Datasheet HTML 5Page - Renesas Technology Corp 2SA812_15 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SA812
PNP SILICON EPITAXIAL TRANSISTOR
MINI MOLD
DATA SHEET
Document No. D17119EJ4V0DS00 (4th edition)
Date Published November 2005 NS CP(K)
Printed in Japan
c
1984
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
FEATURES
• Complementary to 2SC1623
• High DC Current Gain: hFE = 200 TYP. (VCE = −6.0 V, IC = −1.0 mA)
• High Voltage: VCEO = −50 V
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
−60
V
Collector to Emitter Voltage
VCEO
−50
V
Emitter to Base Voltage
VEBO
−5.0
V
Collector Current (DC)
IC
−100
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cut-off Current
ICBO
−0.1
μA
VCB =
−60 V, IE = 0 A
Emitter Cut-off Current
IEBO
−0.1
μA
VEB =
−5.0 V, IC = 0 A
DC Current Gain
hFE
90
200
600
VCE =
−6.0 V, IC = −1.0 mA
Note
Collector Saturation Voltage
VCE(sat)
−0.18
−0.3
V
IC =
−100 mA, IB = −10 mA
Base to Emitter Voltage
VBE
−0.58
−0.62
−0.68
V
VCE = 6.0 V, IC =
−1.0 mA
Gain Bandwidth Product
fT
180
MHz
VCE =
−6.0 V, IE = 10 mA
Output Capacitance
Cob
4.5
pF
VCB =
−10 V, IE = 0 A, f = 1.0 MHz
Note Pulsed: PW
≤ 350
μs, Duty Cycle ≤ 2%
hFE CLASSIFICATION
Marking
M4
M5
M6
M7
hFE
90 to 180
135 to 270
200 to 400
300 to 600
PACKAGE DRAWING (Unit: mm)
2.8 ± 0.2
1.5 TYP.
0.65
+0.1
–0.15
2
1
3
Marking
1. Emitter
2. Base
3. Collector
<R>
<R>


Similar Part No. - 2SA812_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA812 KEXIN-2SA812_15 Datasheet
877Kb / 2P
   PNP Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA812 WINNERJOIN-2SA812_15 Datasheet
136Kb / 1P
   TRANSISTOR
More results

Similar Description - 2SA812_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SB798 NEC-2SB798 Datasheet
221Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SB1114 RENESAS-2SB1114_15 Datasheet
1Mb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
NEC
2SB799 NEC-2SB799 Datasheet
212Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SB1115 NEC-2SB1115 Datasheet
228Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SB1114 NEC-2SB1114 Datasheet
209Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SB800 NEC-2SB800 Datasheet
211Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD?
logo
Renesas Technology Corp
2SB1115 RENESAS-2SB1115_15 Datasheet
1Mb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
NEC
2SB804 NEC-2SB804 Datasheet
222Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD?
2SB805 NEC-2SB805 Datasheet
234Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC1621 NEC-2SC1621 Datasheet
229Kb / 4P
   HIGH SPEED SWITCHING PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com