Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMNIVS800 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # OMNIVS800
Description  OmniVS 120V 800VA 475W Line-Interactive UPS,Tower, USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNIVS800 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  OMNIVS800_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNIVS800_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNIVS800_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNIVS800_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved OMNIVS800_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with input voltage as low as 89
Undervoltage Correction
Input voltages between 89 and 105 are boosted by 14%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
LED Indicators
4 LEDs indicate line power, battery power, overload and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
510
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Installation Form Factors Supported
with Optional Accessories
Wallmount (UPSWM - tower mounting kit)
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
10.8 x 5.2 x 7.5
UPS Power Module Dimensions
(hwd, cm)
27.3 x 13.3 x 19
UPS Power Module Weight (lbs.)
15.9
UPS Power Module Weight (kg)
7.2
UPS Shipping Dimensions (hwd / in.)
13.5 x 10.2 x 11
UPS Shipping Dimensions (hwd /
cm)
34.3 x 26 x 27.9
Shipping Weight (lbs.)
17.5
Shipping Weight (kg)
7.9
UPS Housing Material
PVC
3 / 5


Similar Part No. - OMNIVS800_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNIVS800 ETC2-OMNIVS800 Datasheet
497Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 120V UPS with USB port
More results

Similar Description - OMNIVS800_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNIVS800 ETC2-OMNIVS800 Datasheet
497Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVSINT800 TRIPPLITE-OMNIVSINT800_15 Datasheet
491Kb / 4P
   OmniVS 230V 800VA 475W Line-Interactive UPS,USB port, C13 Outlets
OMNIVS1500 TRIPPLITE-OMNIVS1500_15 Datasheet
510Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Tower, USB port
logo
List of Unclassifed Man...
OMNIVSINT800 ETC2-OMNIVSINT800 Datasheet
495Kb / 6P
   OmniVS Series 800VA Tower Line-Interactive 230V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1000 TRIPPLITE-OMNIVS1000_15 Datasheet
492Kb / 5P
   OmniVS 120V 1000VA 500W Line-Interactive UPS,Tower, USB port
logo
List of Unclassifed Man...
OMNIVS1500 ETC2-OMNIVS1500 Datasheet
512Kb / 6P
   OmniVS Series 1500VA Line-Interactive Tower 120V UPS with USB port
OMNIVS1000 ETC2-OMNIVS1000 Datasheet
489Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNIVS1000 TRIPPLITE-OMNIVS1000 Datasheet
491Kb / 5P
   OmniVS Series 1000VA Tower Line-Interactive 120V UPS with USB port
OMNIVS1500XL TRIPPLITE-OMNIVS1500XL_15 Datasheet
498Kb / 5P
   OmniVS 120V 1500VA 940W Line-Interactive UPS,Extended Run, Tower, USB port
OMNIVS1000TAA TRIPPLITE-OMNIVS1000TAA Datasheet
522Kb / 5P
   TAA-Compliant OmniVS 120V 1000VA 500W Line-Interactive UPS, Tower, USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com