Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3808 Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # IRF3808
Description  Integrated Starter Alternator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF3808 Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

  IRF3808 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Fig 15. Typical Avalanche Current Vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
Vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = ∆
∆∆∆∆T/ ZthJC
Iav = 2∆
∆∆∆∆T/ [1.3·BV·Z
th]
EAS (AR) = PD (ave)·tav
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
1000
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
∆ Tj = 25°C due to
avalanche losses
0.01
25
50
75
100
125
150
175
Starting T J , Junction Temperature (°C)
0
100
200
300
400
500
TOP
Single Pulse
BOTTOM 10% Duty Cycle
ID = 140A
IRF3808
2014-8-10
7
www.kersemi.com


Similar Part No. - IRF3808

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
logo
Inchange Semiconductor ...
IRF3808 ISC-IRF3808 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3808L IRF-IRF3808L Datasheet
162Kb / 11P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF3808L ISC-IRF3808L Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3808LPBF IRF-IRF3808LPBF Datasheet
264Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRF3808

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFP2907 KERSEMI-IRFP2907 Datasheet
826Kb / 9P
   Integrated Starter Alternator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
logo
Sanken electric
SG-C17LXZ27S SANKEN-SG-C17LXZ27S Datasheet
338Kb / 14P
   Automotive Alternator Diode
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Sanken electric
SG-17NNJ23S SANKEN-SG-17NNJ23S Datasheet
268Kb / 8P
   Automotive Alternator Diode
logo
Unisonic Technologies
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Sanken electric
SG-C17VLZ40 SANKEN-SG-C17VLZ40 Datasheet
269Kb / 8P
   Automotive Alternator Diode
logo
Motorola, Inc
MCCF33095 MOTOROLA-MCCF33095 Datasheet
165Kb / 12P
   INTEGRAL ALTERNATOR REGULATOR
logo
STMicroelectronics
L585 STMICROELECTRONICS-L585 Datasheet
175Kb / 9P
   CAR ALTERNATOR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com