Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU8256PBF Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRLU8256PBF
Description  High Frequency Synchronous Buck
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU8256PBF Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

Back Button IRLU8256PBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRLU8256PBF Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13. Gate Charge Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
400
ID
TOP
5.57A
8.50A
BOTTOM 20A
IRLR8256PBF
IRLU8256PBF
2014-8-25
6
www.kersemi.com


Similar Part No. - IRLU8256PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU8256PbF IRF-IRLU8256PbF Datasheet
358Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRLU8256PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRLR8113 KERSEMI-IRLR8113 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IRF3704ZSLPBF IRF-IRF3704ZSLPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck
IRLR7821PF IRF-IRLR7821PF Datasheet
326Kb / 12P
   High Frequency Synchronous Buck
logo
Kersemi Electronic Co.,...
IRF3704Z KERSEMI-IRF3704Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com