Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU8721 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRLU8721
Description  High Frequency Synchronous Buck Converters for Computer Processor Power
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRLU8721 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRLU8721 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRLU8721 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRLU8721 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRLU8721 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRLU8721 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRLU8721 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRLU8721 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRLU8721 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRLU8721 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
21
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.3
8.4
m
–––
10.1
11.8
VGS(th)
Gate Threshold Voltage
1.35
1.9
2.35
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-6.8
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
46
–––
–––
S
Qg
Total Gate Charge
–––
8.5
13
Qgs1
Pre-Vth Gate-to-Source Charge
–––
1.9
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
3.4
–––
Qgodr
Gate Charge Overdrive
–––
2.0
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
4.6
–––
Qoss
Output Charge
–––
7.9
–––
nC
RG
Gate Resistance
–––
2.3
3.8
td(on)
Turn-On Delay Time
–––
8.8
–––
tr
Rise Time
–––
30
–––
td(off)
Turn-Off Delay Time
–––
9.4
–––
ns
tf
Fall Time
–––
6.5
–––
Ciss
Input Capacitance
–––
1030
–––
Coss
Output Capacitance
–––
350
–––
pF
Crss
Reverse Transfer Capacitance
–––
110
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
dh
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
65
f
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
260
(Body Diode)
Ùh
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
17
26
ns
Qrr
Reverse Recovery Charge
–––
24
36
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
MOSFET symbol
VGS = 4.5V, ID = 20A f
–––
VGS = 4.5V
Typ.
–––
–––
ID = 20A
VGS = 0V
VDS = 15V
TJ = 25°C, IF = 20A, VDD = 15V
di/dt = 300A/µs
f
TJ = 25°C, IS = 20A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 25µA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
RG = 1.8Ω
VDS = 15V, ID = 20A
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V f
ID = 20A
VDS = 15V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 25A
f
VGS = 20V
VGS = -20V
Conditions
6.5
See Fig. 14
Max.
93
20
ƒ = 1.0MHz
IRLR/U8721PBF
www.kersemi.com
2
2014-6-18


Similar Part No. - IRLU8721

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLU8721 ISC-IRLU8721 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU8721PBF IRF-IRLU8721PBF Datasheet
364Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRLU8721

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU7833-701PBF IRF-IRLU7833-701PBF Datasheet
325Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR7833 KERSEMI-IRLR7833 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRLR7843 KERSEMI-IRLR7843 Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704ZPBF KERSEMI-IRFU3704ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZS KERSEMI-IRF3704ZS Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZL KERSEMI-IRF3704ZL Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRF3707ZPBF IRF-IRF3707ZPBF_15 Datasheet
393Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZPBF KERSEMI-IRFR3709ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com