Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMNIX350HG Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # OMNIX350HG
Description  OmniSmart 230V 350VA 225W CE-IEC 60601-1 Medical Grade Line-Interactive UPS with Built-In Isolation Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

OMNIX350HG Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  OMNIX350HG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved OMNIX350HG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved OMNIX350HG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved OMNIX350HG Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4 diagnostic LEDs indicate AC present, on battery, voltage correction & battery low/replace
Battery replacement door and back panel equipotential connection (grounding lug)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
350
Output Watt Capacity (Watts)
225
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230v nominal inverter output voltage
Frequency Compatibility
50 / 60 Hz
Frequency Compatibility Details
Automatic frequency selection
Output Voltage Regulation (Line
Mode)
-18%, +8%
Output Receptacles
(6) C13
INPUT
Rated input current (Maximum Load)
1.8A
Nominal Input Voltage(s) Supported
230V AC
UPS Input Connection Type
C14 inlet
UPS Input Connection Description
C14 inlet accepts user-supplied AC power cord with grounded country-specific plug
UPS Input Cord Length (ft.)
6 inch dongle, 16 gauge
UPS Input Cord Length (m)
1.83
Recommended Electrical Service
10A 230V
Voltage Compatibility (VAC)
230
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
15.5 min. (225w)
Half Load Runtime (min.)
37 min. (115w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 7.2 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC52 (quantity 2)
Battery Access
Battery access door allows hot-swap battery replacement without powering connected equipment off
Typical Battery Lifespan
3-6 years, depending on usage
2 / 4


Similar Part No. - OMNIX350HG

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNIX1500XLTAA TRIPPLITE-OMNIX1500XLTAA Datasheet
490Kb / 5P
   TAA-Compliant OmniVS 230V 1500VA 940W Line-Interactive UPS, Extended Run, Tower, USB port, C13 Outlets
More results

Similar Description - OMNIX350HG

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNISMART350HG TRIPPLITE-OMNISMART350HG_15 Datasheet
484Kb / 4P
   OmniSmart 120V 330VA 225W UL 60601-1 Medical Grade Line-Interactive UPS, Tower, DB9 Serial
SMX700HG TRIPPLITE-SMX700HG_15 Datasheet
495Kb / 4P
   SmartPro 230V 700VA 450W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Tower, Full Isolation, USB, DB9 Serial
SMX1200XLHG TRIPPLITE-SMX1200XLHG Datasheet
497Kb / 4P
   SmartPro 230V 1000VA 750W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
logo
List of Unclassifed Man...
OMNI500ISO ETC2-OMNI500ISO Datasheet
499Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNI750ISO ETC2-OMNI750ISO Datasheet
501Kb / 6P
   OmniSmart 750VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNI1000ISO ETC2-OMNI1000ISO Datasheet
502Kb / 6P
   OmniSmart 1000VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
logo
Tripp Lite. All Rights ...
OMNI750ISO TRIPPLITE-OMNI750ISO_15 Datasheet
498Kb / 5P
   OmniSmart 120V 750VA 500W Line-Interactive UPS,Tower, Built-In Isolation Transformer, USB port
OMNI1000ISO TRIPPLITE-OMNI1000ISO_15 Datasheet
498Kb / 5P
   OmniSmart 120V 1000VA 700W Line-Interactive UPS, Tower, Built-In Isolation Transformer, USB port
OMNI500ISO TRIPPLITE-OMNI500ISO_15 Datasheet
496Kb / 5P
   OmniSmart 120V 500VA 300W Line-Interactive UPS,Tower, Built-In Isolation Transformer, USB port
logo
List of Unclassifed Man...
OMNISMART350HG ETC2-OMNISMART350HG Datasheet
488Kb / 6P
   OmniSmart 330VA Medical Grade Tower Line-Interactive 120V UPS with Serial port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com