Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU3MV6L20BTAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDU3MV6L20BTAA
Description  TAA-Compliant 5.7kW 3-Phase Metered PDU,208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P,6ft Cord, 0U Vertical
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDU3MV6L20BTAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDU3MV6L20BTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDU3MV6L20BTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDU3MV6L20BTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TAA-Compliant 5.7kW 3-Phase Metered PDU,
208/120V Outlets (21 5-15/20R, 6 L6-20R), L21-20P,
6ft Cord, 0U Vertical
MODEL NUMBER: PDU3MV6L20BTAA
Description
Tripp Lite 3 phase Metered PDU / Power Distribution Units offer real-time local reporting of current levels in amps
via set of 3 built-in digital meters. Enables visual monitoring of PDU current levels to preserve proper loading
balance and prevent circuit overloads as additional equipment is added. Offers reliable rackmount multi-outlet
power distribution from any protected UPS, generator or mains input power source. High quality design includes
rugged all-metal housing and secure rackmount installation with included mounting accessories.
Features
Federal Trade Agreements Act / TAA compliant for GSA schedule purchases
5.7kW 3 phase 208/120V Metered Power Distribution Unit / PDU
Set of 3 built-in current meters continuously report input current per phase
Attached NEMA L21-20P 20A (3P+N+E) 208V 3 phase input plug with 6 ft. / 1.8m cord
0U, 70 in. / 178cm vertical form factor supports installation in 2 or 4 post equipment racks
27 total outlets arranged in three single phase output load banks
6 NEMA L6-20R outlets output 208V
21 NEMA 5-15/20R outlets output 120V
Included cord retention brackets keep vital network equipment plugged in and continuously powered
Toolless mounting supported in button-mount compatible racks, plus nut-and-bolt mounting brackets for other mounting applications (set of 2 9mm
buttons pre-installed, 2 9mm and 4 6mm spare buttons included)
Specifications
OVERVIEW
Style
Vertical rackmount
Highlights
Federal Trade Agreements Act /
TAA compliant for GSA schedule
purchases
Metered 5.7kW 3 Phase
208/120V PDU; 70 in. / 178cm 0U
vertical rackmount
Reports input current per-phase
via built in current meters
NEMA L21-20P (3P+N+E) 208V
3 phase input; 6 ft. / 1.8m line
cord
27 outlets total; 21 5-15/20R
(120V), 6 L6-20R (208V)
Toolless button-mount
installation; cord retention
brackets included
Applications
Ideal for 3 phase network
configurations in datacenters and
heavily configured equipment racks
Package Includes
TAA Version of Tripp Lite
PDU3MV6L2120B
Cord retention brackets
Spare installation buttons (2
9mm / 4 6mm)
Rack mounting brackets
Owner's manual
1 / 3


Similar Part No. - PDU3MV6L20BTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU3MV6L2120 TRIPPLITE-PDU3MV6L2120 Datasheet
505Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU,208-120V Outlets 36 C13, 6 C19, 6 5-15-20R,L21-20P, 6ft Cord, 0U Vertical
PDU3MV6L2120B TRIPPLITE-PDU3MV6L2120B Datasheet
499Kb / 3P
   5.7kW 3-Phase Metered PDU, 208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P, 6ft Cord, 0U Vertical, TAA
PDU3MV6L2120LV TRIPPLITE-PDU3MV6L2120LV Datasheet
530Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU, 120V Outlets 42 5-15-20R, L21-20P, 6ft Cord, 0U Vertical
PDU3MV6L2130 TRIPPLITE-PDU3MV6L2130 Datasheet
550Kb / 3P
   8.6kW 3-Phase Metered PDU, 208-120V Outlets 36 C13, 6 C19, 6 5-15-20R, L21-30P, 6ft Cord, 0U Vertical
PDU3MV6L2130A TRIPPLITE-PDU3MV6L2130A Datasheet
537Kb / 3P
   3-Phase Metered PDU, 8.6 kW, 45 208V outlets (36 C13, 9 C19), 6 ft NEMA L21-30P input connection,TAA Compliant
More results

Similar Description - PDU3MV6L20BTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU3MV6L2120B TRIPPLITE-PDU3MV6L2120B Datasheet
499Kb / 3P
   5.7kW 3-Phase Metered PDU, 208-120V Outlets 21 5-15-20R, 6 L6-20R, L21-20P, 6ft Cord, 0U Vertical, TAA
PDU3MV6L2120LV TRIPPLITE-PDU3MV6L2120LV Datasheet
530Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU, 120V Outlets 42 5-15-20R, L21-20P, 6ft Cord, 0U Vertical
PDU3MV6L2120 TRIPPLITE-PDU3MV6L2120 Datasheet
505Kb / 3P
   TAA-Compliant 5.7kW 3-Phase Metered PDU,208-120V Outlets 36 C13, 6 C19, 6 5-15-20R,L21-20P, 6ft Cord, 0U Vertical
PDU3MV6L2130TAA TRIPPLITE-PDU3MV6L2130TAA Datasheet
550Kb / 3P
   TAA-Compliant 8.6kW 3-Phase Metered PDU,208-120V Outlets (36 C13, 6 C19, 6 5-15-20R),L21-30P, 6ft Cord, 0U Vertical
PDU3MV6L2130 TRIPPLITE-PDU3MV6L2130 Datasheet
550Kb / 3P
   8.6kW 3-Phase Metered PDU, 208-120V Outlets 36 C13, 6 C19, 6 5-15-20R, L21-30P, 6ft Cord, 0U Vertical
PDUMV30 TRIPPLITE-PDUMV30 Datasheet
153Kb / 3P
   2.9kW Single-Phase Metered PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical
logo
List of Unclassifed Man...
PDUMV20 ETC2-PDUMV20 Datasheet
505Kb / 5P
   Single-Phase Metered PDU, 1.9kW 20A 120V, 0U Vertical Rackmount, 28 NEMA 5-15/20R outlets
logo
Tripp Lite. All Rights ...
PDU1420T TRIPPLITE-PDU1420T Datasheet
465Kb / 3P
   2.4kW Single-Phase Basic PDU, 120V Outlets (145-15-20R), L5-20P, 15ft Cord, 0U Vertical
PDUMNV30 TRIPPLITE-PDUMNV30 Datasheet
170Kb / 4P
   2.9kW Single-Phase Monitored PDU, 120V Outlets (24 5-15/20R), L5-30P, 10ft Cord, 0U Vertical, TAA
PDUMV20-72 TRIPPLITE-PDUMV20-72 Datasheet
158Kb / 3P
   2kW Single-Phase Local Metered PDU, 100-127V Outlets (36 5-15/20R), L5-20P/5-20P adapter, 0U Vertical, 72-in.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com