Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3415L Datasheet(PDF) 4 Page - International Rectifier

Part # IRF3415L
Description  Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3415L Datasheet(HTML) 4 Page - International Rectifier

  IRF3415L Datasheet HTML 1Page - International Rectifier IRF3415L Datasheet HTML 2Page - International Rectifier IRF3415L Datasheet HTML 3Page - International Rectifier IRF3415L Datasheet HTML 4Page - International Rectifier IRF3415L Datasheet HTML 5Page - International Rectifier IRF3415L Datasheet HTML 6Page - International Rectifier IRF3415L Datasheet HTML 7Page - International Rectifier IRF3415L Datasheet HTML 8Page - International Rectifier IRF3415L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF3415S/L
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
1000
2000
3000
4000
5000
6000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
40
80
120
160
200
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
22A
V
= 30V
DS
V
= 75V
DS
V
= 120V
DS
0.1
1
10
100
1000
0.2
0.6
1.0
1.4
1.8
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
o
T = 175 C
J
o
1
10
100
1000
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
J
C
o
o
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms


Similar Part No. - IRF3415L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3415L IRF-IRF3415L Datasheet
167Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF3415L ISC-IRF3415L Datasheet
299Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IRF3415L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRFP3415 IRF-IRFP3415 Datasheet
92Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF5N3415 IRF-IRF5N3415 Datasheet
117Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.042ohm, Id=37.5A)
IRFIZ34E IRF-IRFIZ34E Datasheet
114Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com