Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

855820 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855820
Description  942.5 MHz SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855820 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855820 Datasheet HTML 1Page - TriQuint Semiconductor 855820 Datasheet HTML 2Page - TriQuint Semiconductor 855820 Datasheet HTML 3Page - TriQuint Semiconductor 855820 Datasheet HTML 4Page - TriQuint Semiconductor 855820 Datasheet HTML 5Page - TriQuint Semiconductor 855820 Datasheet HTML 6Page - TriQuint Semiconductor 855820 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
855820
942.5 MHz SAW Filter
Data Sheet: Rev C 4/11/11
- 2 of 7 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -20 to +70 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
942.5
-
MHz
Insertion Loss
925 – 960 MHz (+15 to +35 ºC)
925 – 960 MHz (-20 to +70 ºC)
-
2.0
2.2
3.2
4.0
dB
dB
Absolute Attenuation
(5)
10– 905 MHz
905 – 915 MHz (-20 to +35 ºC)
905 – 915 MHz(+35 to +70 ºC)
980 – 2400 MHz
2400 – 3120 MHz
20
12
5
20
10
32
18
18
28
26
-
-
-
-
-
dB
dB
dB
dB
dB
Input/Output Return Loss
925 – 960 MHz
6.0
10
-
dB
Source/Load Impedance
(6)
Single-ended
-
50
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative zero dB
6.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
-30 to +85
oC
Storage Temperature
-40 to +85
oC
Input Power (2:8 duty cycle, 20Khrs @ 55
oC)
+16dBm
Operation of this device outside the parameter ranges given above may cause permanent damage.


Similar Part No. - 855820

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
More results

Similar Description - 855820

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856055 TRIQUINT-856055 Datasheet
441Kb / 5P
   942.5 MHz SAW Filter
856387 TRIQUINT-856387 Datasheet
617Kb / 7P
   942.5 MHz SAW Filter
855966 TRIQUINT-855966 Datasheet
707Kb / 8P
   942.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1004A TAI-SAW-TA1004A Datasheet
1Mb / 6P
   SAW Filter 942.5 MHz
TA0152B TAI-SAW-TA0152B Datasheet
1Mb / 7P
   SAW Filter 942.5 MHz
TA1743B TAI-SAW-TA1743B Datasheet
625Kb / 8P
   SAW Filter 942.5 MHz
logo
TriQuint Semiconductor
856528 TRIQUINT-856528_15 Datasheet
580Kb / 5P
   942.5 MHz SAW Filter
855810 TRIQUINT-855810_15 Datasheet
532Kb / 5P
   942.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2002E MURATA-SF2002E Datasheet
536Kb / 5P
   942.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2002E RFM-SF2002E Datasheet
239Kb / 5P
   942.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com