Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

855849 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 855849
Description  1880 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855849 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  855849_15 Datasheet HTML 1Page - TriQuint Semiconductor 855849_15 Datasheet HTML 2Page - TriQuint Semiconductor 855849_15 Datasheet HTML 3Page - TriQuint Semiconductor 855849_15 Datasheet HTML 4Page - TriQuint Semiconductor 855849_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
Part Number 855849
1880 MHz SAW Filter
Matching Schematics
50
Single-ended
1,3,4,6
2
5
50
50
No impedance matching
required
Marking
PCB Footprint
Marking
code
Date code
N
JJJYM
logo
ID dot
Sawtek
.96
3.20 SQ
1.27
.38
.81
1.70
The date code consists of: JJJ = Julian day,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
Sawtek
ID dot
Dimensions shown are nominal in millimeters
Packaging quantity: 5000 units/reel
Subject to change or obsolescence without notice
Rev C
13-Oct-2005
Page 4 of 5


Similar Part No. - 855849_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855849 TRIQUINT-855849 Datasheet
384Kb / 5P
   1880 MHz SAW Filter
More results

Similar Description - 855849_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856530 TRIQUINT-856530_15 Datasheet
583Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
855849 TRIQUINT-855849 Datasheet
384Kb / 5P
   1880 MHz SAW Filter
856880 TRIQUINT-856880 Datasheet
497Kb / 5P
   1880 MHz SAW Filter
856244 TRIQUINT-856244 Datasheet
557Kb / 6P
   1880 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1871B TAI-SAW-TA1871B Datasheet
495Kb / 9P
   SAW Filter 1880 MHz
logo
TriQuint Semiconductor
856056 TRIQUINT-856056 Datasheet
444Kb / 6P
   1880 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2036E MURATA-SF2036E Datasheet
245Kb / 5P
   1880 MHz SAW Filter
logo
RF Monolithics, Inc
SF2036E RFM-SF2036E Datasheet
245Kb / 5P
   1880 MHz SAW Filter
logo
TriQuint Semiconductor
856880 TRIQUINT-856880_15 Datasheet
387Kb / 6P
   1880 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com