Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSM14N15 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # KSM14N15
Description  150V N-CHANNEL MOFSET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSM14N15 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  KSM14N15 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSM14N15 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSM14N15 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSM14N15 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSM14N15 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSM14N15 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSM14N15 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
 
 
 
 

    

    !" # $%#&##'( # 
)*#+,-..Ω, / 
,-011-0 .2./ 
"  !"  11µ 3%(%(  4
5 %   6   # 


 





D+
 D?+ 
+-*+5-.)*µ(
&)*


+
∆D+
$∆
D?+ 
 
5-.)*µ(, .)9

* &'

+$9
5
E<+ 
+-&)*++-*+


&
µ(
+-&.*+-&)*9


&*
µ(
5
<D0?
+-.)++-*+


&**
(
5
<D0?,!
+-.)++-*+


&**
(
 
+
< + 
+-+5-.)*µ(
. *

' *
+
,
  , 
+-&*+5-6 .(

* &;'
* .&

   
+-'*+5-6 .(

2 ;


 

5  
+-.)++-*+
-& *F#


))*
6&)


  

&&)
&)*


,!  

..
.A

   

 
+-6)+5-&' '(
,-.)Ω


6 .
.)


,

A*
&A*


 

'*
A*


 

;)
&'*

G
 <
+-&.*+5-&' '(
+-&*+


&2
.C

G
< 

C ;


G
<

2 .


     
5
7 


&' '
(
5
7:  


)6 ;
(
+
 + 
+-*+5-&' '(


& )
+

,!, !
+-*+5-&' '(
5$-&**($µ

2)


G
,!, !

* CC

µ
KSM14N15
     
2014-6-27
2
www.kersemi.com


Similar Part No. - KSM14N15

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM14N30 KERSEMI-KSM14N30 Datasheet
1Mb / 7P
   300V N-CHANNEL MOSFET
More results

Similar Description - KSM14N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK80N15P FS-FTK80N15P Datasheet
929Kb / 5P
   150V N-Channel MOSFETs
FTK30N15D FS-FTK30N15D Datasheet
1Mb / 5P
   150V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com