Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSM22N50N Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # KSM22N50N
Description  N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSM22N50N Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  KSM22N50N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSM22N50N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSM22N50N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSM22N50N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSM22N50N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSM22N50N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSM22N50N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V
DS
+
_
Dr i v e r
R G
Sa m e T y p e
as D U T
V GS
• d v / d t c ont r o l l ed by R
G
•I
SD c o nt r o l l ed by pul s e per i o d
V DD
L
I
SD
10 V
V GS
( D r i v e r )
I SD
( DUT )
V
DS
( DUT )
V DD
B ody D i ode
F o r w ar d V o l t a g e D r o p
V
SD
I
FM , B ody D i ode F o r w ar d
C u r r en t
B ody D i ode R e v e r s e C u r r ent
I
RM
B o d y D i od e R e c o v e r y d v / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
-------------- ------------
DU T
V
DS
+
_
Dr i v e r
R G
Sa m e T y p e
as D U T
V GS
• d v / d t c ont r o l l ed by R
G
•I
SD c o nt r o l l ed by pul s e per i o d
V DD
LL
I
SD
10 V
V GS
( D r i v e r )
I SD
( DUT )
V
DS
( DUT )
V DD
B ody D i ode
F o r w ar d V o l t a g e D r o p
V
SD
I
FM , B ody D i ode F o r w ar d
C u r r en t
B ody D i ode R e v e r s e C u r r ent
I
RM
B o d y D i od e R e c o v e r y d v / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
-------------- ------------
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
-------------- ------------
KSM22N50N
2014-7-1
6
www.kersemi.com


Similar Part No. - KSM22N50N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
More results

Similar Description - KSM22N50N

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com