Electronic Components Datasheet Search |
|
S4KBJ20 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
S4KBJ20 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page S4KBJ20-C ~ S4KBJ80-C Voltage 200V ~ 800V 4.0 Amp Glass Passivited Bridge Rectifiers Elektronische Bauelemente 20-Jun-2012 Rev. A Page 1 of 2 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. RoHS Compliant Product FEATURES Ideal for printed circuit board Low forward voltage drop, high current capability Reliable low cost construction utilizing molded plastic technique results in inexpensive product The plastic material has Underwriters Laboratory flammability classification 94V-0 These are Halogen & Pb Free components MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, de-rate current by 20%.) Parameter Symbol Part Number Unit S4KBJ20-C S4KBJ40-C S4KBJ60-C S4KBJ80-C Maximum Recurrent Peak Reverse Voltage VRRM 200 400 600 800 V Average Rectified Output Current @50HZ sine wave, R-load TC=108°C (with heat sink) IO 4 A TA=25°C (without heat sink) 2.3 Peak Forward Surge Current @ 50HZ sine wave, 1 cycle, TA=25°C IFSM 120 A Maximum Peak Forward Voltage 3 VFM 1.05 V Peak Reverse Current 2 IRRM 10 µA I 2t Rating for Fusing @1ms≤t<8.3ms, TJ=25°C,Rating of per diode I 2t 60 A 2s Mounting Torque @ Recommend torque:5kg·cm TOR 8 Kg‧cm Dielectric Strength 1 Vdis 2 kV Typical Thermal Resistance (with heat sink) RθJC 5.5 °C/W Typical Thermal Resistance RθJA 30 °C/W Typical Thermal Resistance(without heat sink) RθJL 6 °C/W Operating and Storage temperature range TJ,TSTG 150, -40~150 °C Notes: 1. Terminals to case,AC 1 minute 2. VRM=VRRM, Pulse measurement, Rating of per diode. 3. IFM=2.0A, Pulse measurement, Rating of per diode KBJ REF. Millimeter REF. Millimeter Min. Max. Min. Max. A 24.7 25.3 J 0.6 0.8 B 14.7 15.3 K 7.3 7.7 C 4.4 4.8 L 1.5 1.9 D 17.0 18.0 M 1.7 2.1 E 3.0 x 45° N 1.05 1.45 F 3.1 3.4 P 3.3 3.8 G 4.0 Q 9.3 9.7 H 2.5 2.9 R 3.1 3.4 I 0.9 1.1 S 3.4 3.8 |
Similar Part No. - S4KBJ20_15 |
|
Similar Description - S4KBJ20_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |