Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3709L Datasheet(PDF) 2 Page - International Rectifier

Part # IRF3709L
Description  Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3709L Datasheet(HTML) 2 Page - International Rectifier

  IRF3709L Datasheet HTML 1Page - International Rectifier IRF3709L Datasheet HTML 2Page - International Rectifier IRF3709L Datasheet HTML 3Page - International Rectifier IRF3709L Datasheet HTML 4Page - International Rectifier IRF3709L Datasheet HTML 5Page - International Rectifier IRF3709L Datasheet HTML 6Page - International Rectifier IRF3709L Datasheet HTML 7Page - International Rectifier IRF3709L Datasheet HTML 8Page - International Rectifier IRF3709L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRF3709/3709S/3709L
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
–––
0.88
1.3
V
TJ = 25°C, IS = 30A, VGS = 0V
ƒ
–––
0.82
–––
TJ = 125°C, IS = 30A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
48
72
ns
TJ = 25°C, IF = 30A, VR=15V
Qrr
Reverse Recovery Charge
–––
46
69
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
48
72
ns
TJ = 125°C, IF = 30A, VR=15V
Qrr
Reverse Recovery Charge
–––
52
78
nC
di/dt = 100A/µs
ƒ
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
382
mJ
IAR
Avalanche Current

–––
30
A
Avalanche Characteristics
S
D
G
Diode Characteristics
90
†
360
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
53
–––
–––
SVDS = 15V, ID = 30A
Qg
Total Gate Charge
–––
27
41
ID = 15A
Qgs
Gate-to-Source Charge
–––
6.7
–––
nC
VDS = 16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
9.7
–––
VGS = 5.0V
ƒ
Qoss
Output Gate Charge
–––
22
–––
VGS = 0V, VDS = 10V
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 15V
tr
Rise Time
–––
171
–––
ID = 30A
td(off)
Turn-Off Delay Time
–––
21
–––
RG = 1.8Ω
tf
Fall Time
–––
9.2
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
–––
2672 –––
VGS = 0V
Coss
Output Capacitance
–––
1064 –––
pF
VDS = 16V
Crss
Reverse Transfer Capacitance
–––
109
–––
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.029
–––
V/°C
Reference to 25°C, ID = 1mA
–––
6.4
9.0
VGS = 10V, ID = 15A
ƒ
–––
7.4
10.5
VGS = 4.5V, ID = 12A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 24V, VGS = 0V
–––
–––
100
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -16V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m


Similar Part No. - IRF3709L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3709LPBF IRF-IRF3709LPBF Datasheet
227Kb / 11P
   SMPS MOSFET
IRF3709LPBF IRF-IRF3709LPBF Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
More results

Similar Description - IRF3709L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRFP054V IRF-IRFP054V Datasheet
216Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com