Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856039 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856039
Description  1575.42 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856039 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856039_15 Datasheet HTML 1Page - TriQuint Semiconductor 856039_15 Datasheet HTML 2Page - TriQuint Semiconductor 856039_15 Datasheet HTML 3Page - TriQuint Semiconductor 856039_15 Datasheet HTML 4Page - TriQuint Semiconductor 856039_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
Part Number 856039
1575.42 MHz SAW Filter
Subject to change or obsolescence without notice
Rev B
01/09
© TriQuint Semiconductor
Page 4 of 5
Matching Schematics
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
Input
1,3,4,6
2
5
50
50
50
Single-ended
Output
Marking
PCB Footprint
AC
code
Marking
Date code
JJJYM
logo
ID dot
Sawtek
.96
3.20 SQ
1.27
.38
.81
1.70
The date code consists of: JJJ = Julian day,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
Sawtek
ID dot
Dimensions shown are nominal in millimeters
Packaging quantity: 5000 units/reel


Similar Part No. - 856039_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8560 ETC2-8560 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
PHOENIX CONTACT
8560 PHOENIX-8560 Datasheet
324Kb / 23P
   AXL E S3 DI8 DO8 M12 6P
logo
3M Electronics
8560 3M-8560 Datasheet
330Kb / 2P
   3M??Polyurethane Protective Tape 8560
8560-4500JL 3M-8560-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
logo
Littelfuse
8560000100 LITTELFUSE-8560000100 Datasheet
93Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
More results

Similar Description - 856039_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com