Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856039 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856039
Description  1575.42 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856039 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856039_15 Datasheet HTML 1Page - TriQuint Semiconductor 856039_15 Datasheet HTML 2Page - TriQuint Semiconductor 856039_15 Datasheet HTML 3Page - TriQuint Semiconductor 856039_15 Datasheet HTML 4Page - TriQuint Semiconductor 856039_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
Part Number 856039
1575.42 MHz SAW Filter
Subject to change or obsolescence without notice
Rev B
01/09
© TriQuint Semiconductor
Page 5 of 5
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-40
+85
oC
Storage Temperature Range
Tstg
-40
+105
oC
RF Power
Pin
-
+10
dBm
Important Notes
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
RoHS Compliance
• This product complies with EU directive 2002/95/EC (RoHS)
Solderability
• Compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature (see soldering profile)
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
Soldering Profile
S-Parameters
RoHS Information
Other Technical Information
TriQuint’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. TriQuint does not accept any liability
for applications, processes, circuits or assemblies, which are implemented using any TriQuint component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: info-product@tqs.com
Web: www.triquint.com
Or contact one of our worldwide
Network of sales offices,
Representatives or distributors
Pb


Similar Part No. - 856039_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8560 ETC2-8560 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
PHOENIX CONTACT
8560 PHOENIX-8560 Datasheet
324Kb / 23P
   AXL E S3 DI8 DO8 M12 6P
logo
3M Electronics
8560 3M-8560 Datasheet
330Kb / 2P
   3M??Polyurethane Protective Tape 8560
8560-4500JL 3M-8560-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
logo
Littelfuse
8560000100 LITTELFUSE-8560000100 Datasheet
93Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
More results

Similar Description - 856039_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com