Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9013T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S9013T
Description  NPN Epitaxial Silicon Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S9013T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S9013T_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S9013T_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
S9013T
NPN Epitaxial Silicon Transistor
TO-92
FEATURE
Power dissipation
PCM :
0.625
W
Tamb=
25 C
+150 C
Collector current
ICM:
0.5
A
Collector-base voltage
V(BR)CBO : 40
V
Operating and storage junction temperature range
Tj, Tstg:
-55
to
ELECTRICAL
CHARACTERISTICS
Tamb=25
unless
otherwise
specified
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
A
IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1 mA ,
IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100
A
IC=0
5
V
Collector cut-off current
ICBO
VCB= 40V ,
IE=0
0.1
A
Collector cut-off current
ICEO
VCE=20V ,
IE=0
0.1
A
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
A
hFE(1)
VCE=1V, IC=50mA
64
300
DC current gain
hFE(2)
VCE=1V, IC= 500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC= 500 mA, IB= 50mA
0.6
V
Base-emitter voltage
VBE(sat)
IC= 500 mA, IB= 50mA
1.2
V
Transition frequency
f T
VCE=6V,IC=20mA,
f=30MHz
150
MHz
CLASSIFICATION OF hFE(1)
Rank
D
E
F
G
H
I
Range
64-91
78-112
96-135
112-166
144-202
190-300
4.55±0.2
3.5±0.2
2.54±0.1
(1.27 Typ.)
0.46
+0.1
–0.1
0.43
+0.08
–0.07
13
2
1: Emitter
2: Base
3: Collector
1.25–0.2
+0.2
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - S9013T_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S9013T SECOS-S9013T Datasheet
101Kb / 2P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - S9013T_15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com