Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856129 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856129
Description  44 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856129 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856129_15 Datasheet HTML 1Page - TriQuint Semiconductor 856129_15 Datasheet HTML 2Page - TriQuint Semiconductor 856129_15 Datasheet HTML 3Page - TriQuint Semiconductor 856129_15 Datasheet HTML 4Page - TriQuint Semiconductor 856129_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856129
44 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature: (2)
+25 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
44.0
-
MHz
Minimum Insertion Loss
-
20.8
22.0
dB
Lower 3 dB Bandedge (4)
Upper 3 dB Bandedge
-
47.0
40.95
47.07
41.0
-
MHz
MHz
Lower 38 dB Bandedge (4)
Upper 38 dB Bandedge
40.0
-
40.35
47.75
-
48
MHz
MHz
Passband Variation
41.5 - 46.5 MHz
-
0.63
0.75
dB
Phase Linearity
41.9 - 46.1 MHz
-
3.35
4.25
deg
Group Delay Variation
41.9 - 46.1 MHz
-
80
100
µsec
Stopband Attenuation (4)
24 - 40 MHz
48 - 84 MHz
38
38
45
45
-
-
dB
dB
Source Impedance (5)
-
50
-
Load Impedance (5)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
This specification is valid for room temperature only
3.
Electrical margin has been built into the design to account for the variations due to manufacturing tolerances
4.
All attenuation measurements are measured relative to minimum insertion loss
5.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
50
Single-ended
1,2,3,4
6,7,8,9
50
10
5
50
No impedance matching
required
Subject to change or obsolescence without notice
Rev A
13-Oct-2005
Page 2 of 5


Similar Part No. - 856129_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856129 TRIQUINT-856129 Datasheet
595Kb / 5P
   44 MHz SAW Filter
More results

Similar Description - 856129_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856129 TRIQUINT-856129 Datasheet
595Kb / 5P
   44 MHz SAW Filter
logo
API Technologies Corp
SF0044BA03190S APITECH-SF0044BA03190S Datasheet
158Kb / 3P
   44 MHz SAW Filter 5.4 MHz Bandwidth
SF0044BA01931S APITECH-SF0044BA01931S Datasheet
150Kb / 3P
   44 MHz SAW Filter 8 MHz Bandwidth
SF0044BA01930S APITECH-SF0044BA01930S Datasheet
152Kb / 3P
   44 MHz SAW Filter 6 MHz Bandwidth
SF0044BA01081T APITECH-SF0044BA01081T Datasheet
142Kb / 3P
   44 MHz SAW Filter 6 MHz Bandwidth
SF0044BA02641S APITECH-SF0044BA02641S Datasheet
205Kb / 3P
   44 MHz SAW Filter 6.5 MHz Bandwidth
SF0044BA02640S APITECH-SF0044BA02640S Datasheet
132Kb / 3P
   44 MHz SAW Filter 3.4 MHz Bandwidth
SF0044BA01979T APITECH-SF0044BA01979T Datasheet
144Kb / 3P
   44 MHz SAW Filter 4.93 MHz Bandwidth
SF0044BA01470T APITECH-SF0044BA01470T Datasheet
140Kb / 3P
   44 MHz SAW Filter 5.2 MHz Bandwidth
SF0044BA01800T APITECH-SF0044BA01800T Datasheet
162Kb / 3P
   44 MHz SAW Filter 5 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com