Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU12IEC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDU12IEC
Description  1.6-3.8kW Single-Phase Basic PDU, 100-240V Outlets (12-C13 and 2-C19), C20 16A Inlet, 1U Rack-Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDU12IEC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDU12IEC_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDU12IEC_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDU12IEC_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.6/3.8kW Single-Phase Basic PDU, 100-240V
Outlets (12-C13 & 2-C19), C20 16A Inlet, 1U
Rack-Mount
MODEL NUMBER: PDU12IEC
Description
Tripp Lite Basic Power Distribution Units / PDU systems offer reliable rackmount power distribution for critical IT
equipment in wiring closets, server rooms and equipment racks. Supplies continuous power from any protected
UPS, generator or mains input power source. High quality design includes rugged all-metal housing and secure
rackmount installation with included mounting accessories.
Features
16A single phase 100-240V Basic Power Distribution Unit / PDU
C20 inlet accepts a wide variety of customer provided input cable options
1U horizontal rackmount format installs in one rack space
14 outlets (4 C13 front, 8 C13 / 2 C19 rear)
Adjustable mounting brackets enable installation in 2 or 4 post racks, plus additional support for wallmount and under-counter mounting
Optional PDUSIDEBRKT enables 0U vertical rackmount in compatible racks
Mounting ears are reversible for front or rear facing rackmount installation
Back panel grounding lug
Specifications
OVERVIEW
Style
Rackmount, Vertical Rackmount, Wallmount/Under-Counter
PDU Type
Basic
OUTPUT
Highlights
Basic single phase 16A
100-240V PDU
1U horizontal rackmount
installation
C20 inlet
14 outlets (4 C13 front, 8 C13 / 2
C19 rear)
Reversible housing; 4.25 in. /
10.8 cm depth
Applications
Multi-outlet power distribution unit
is the ideal means of powering
multiple loads in 19 inch
rackmount, wallmount and
under-counter applications:
internetworking, PC systems,
telecommunications, audio/video,
security, sound reinforcement
and more. Ideal for distribution of
UPS, generator or commercially
derived AC power to protected
equipment.
Package Includes
PDU12IEC Rackmount Power
Strip
Warranty information
Instruction manual
1 / 3


Similar Part No. - PDU12IEC_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU12IEC ETC2-PDU12IEC Datasheet
487Kb / 5P
   Single-Phase Basic PDU, 1.6-3.8kW 16A 100-240V 1U Horizontal Rackmount, 12 C13 and 2 C19 outlets, C20 inlet
logo
Tripp Lite. All Rights ...
PDU12IEC TRIPPLITE-PDU12IEC Datasheet
158Kb / 3P
   1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 16A Input, 1U Rack-Mount
More results

Similar Description - PDU12IEC_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU12IEC ETC2-PDU12IEC Datasheet
487Kb / 5P
   Single-Phase Basic PDU, 1.6-3.8kW 16A 100-240V 1U Horizontal Rackmount, 12 C13 and 2 C19 outlets, C20 inlet
logo
Tripp Lite. All Rights ...
PDU12IEC TRIPPLITE-PDU12IEC Datasheet
158Kb / 3P
   1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 16A Input, 1U Rack-Mount
PDUNV TRIPPLITE-PDUNV Datasheet
163Kb / 3P
   1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 with 5 Adapters, 10 ft. Cord, 1U Rack-Mount
PDUH20DV TRIPPLITE-PDUH20DV Datasheet
157Kb / 3P
   1.6??.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 with L6-20P Adapter, 12 ft. Cord, 1U Rack-Mount
PDUMH20HVAT TRIPPLITE-PDUMH20HVAT Datasheet
162Kb / 4P
   3.2-3.8kW Single-Phase ATS/Metered PDU, 200-240V (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20HVATNET TRIPPLITE-PDUMH20HVATNET Datasheet
158Kb / 4P
   3.2-3.8kW Single-Phase ATS/Switched PDU, LX Platform Interface, 200-240V Outlets (8 C13 & 2 C19), 2 C20, 12ft Cord, 1U Rack-Mount, TAA
PDUBHV20 TRIPPLITE-PDUBHV20 Datasheet
160Kb / 3P
   3.2-3.8kW Single-Phase Hot-Swap PDU, 200-240V 16A (6-C13, 2-C19) 2-C20, 200-240V Input, 6ft Cords 2U Rack-Mount
PDUH20HVL6 TRIPPLITE-PDUH20HVL6 Datasheet
156Kb / 3P
   3.3/3.8kW Single-Phase 208/240V Basic PDU, 14 Outlets (12 C13 & 2 C19), NEMA L6-20P Input, 15 ft. (4.57 m) Cord, 1U Rack-Mount
PDUMH16HV TRIPPLITE-PDUMH16HV Datasheet
162Kb / 3P
   3.8kW Single-Phase Metered PDU, 200/220/230/240V Outlets (8 C13, 2 C19) IEC-309 16A Blue, 8ft Cord, 1U Rack-Mount, TAA
PDUMH20HV TRIPPLITE-PDUMH20HV Datasheet
159Kb / 3P
   3.2-3.8kW Single-Phase Metered PDU, 200-240V (8 C13 & 2 C19), C20 / L6-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com