Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDU330AT6L21 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDU330AT6L21
Description  8.6kW 3-Phase 208V Monitored-ATS PDU, 2L21-30P, 10ft Cords, 1U Rack-Mount (0U Vertical outlet accessory sold separately)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDU330AT6L21 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDU330AT6L21 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDU330AT6L21 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDU330AT6L21 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
is connected to a separate UPS system
Advanced ATS configurations utilizing separate mains circuits, backup generators and even separate out of phase utility power grid feeds are fully
supported
On-board ATS processor constantly evaluates power quality on both inputs to prevent transfer to the secondary source when unavailable or of lower
quality than the primary source
Super-fast switchover between primary and secondary power sources occurs in 2-5 milliseconds
Built-in SNMP/ethernet interface reports voltage, frequency and PDU loading per-phase via network or secure web browser interface with options for user
specified alarm and notification thresholds
Supports in-rack environmental reporting with optional ENVIROSENSE temperature / humidity sensor and rack access notification with up to 4 optional
SRSWITCH door sensors
DHCP/Manual configuration support
10/100 Mbps auto-sensing allows optimal communication with 10/100 Base-T networks
Real-time clock backup maintains the time of day and date even if the PDU is not powered on
Tiered access privileges allow an administrator and a guest to login via web browser for monitoring
Alert notifications via email or SNMP traps offer immediate event notification
Firmware upgrade ability supports future product enhancements
Supports HTTP, HTTPS, PowerAlert Network Management System, SMTP, SNMPv1, SNMPv2, SNMPv3, Telnet, SSH, FTP, DHCP, BOOTP, NTP
protocols
Fully compatible with FREE PowerAlert Network Management System / NMS Software
Specifications
OVERVIEW
Style
Rackmount
PDU Type
Monitored; Auto-Transfer Switch
OUTPUT
Output Capacity Details
8.6kW total; 13.9A per bank (balanced)
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(1) C13; (1) C19
Output Receptacle Details
0U vertical output power distribution component is a required accessory; Order REQUIRED PDU accessory
PDU3V351 (51 C13 outlets), PDU3V354 (48 C13 and 6 C19 outlets) or PDU3V354A (42 C13 and 12 C19 outlets)
Output Nominal Voltage
208V single phase output
Overload Protection
3 20A double-pole breakers (1 per output phase)
Outlet Type
IEC-C13, IEC-C19
INPUT
PDU Input Voltage
208
Maximum Input Amps
24
PDU Plug Type
NEMA L21-30P
2 / 3


Similar Part No. - PDU330AT6L21

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU330AT6L15 TRIPPLITE-PDU330AT6L15 Datasheet
499Kb / 3P
   8.6kW 3-Phase 208V Monitored-ATS PDU, 2L15-30P, 10ft Cords, 1U Rack-Mount (0U Vertical outlet accessory sold separately)
PDU330AT6L1530 TRIPPLITE-PDU330AT6L1530 Datasheet
176Kb / 5P
   8.6kW 3-Phase Monitored Automatic Transfer Switch, 2 208V L15-30P Inputs, 1U (0U PDU Accessory Sold Separate)
More results

Similar Description - PDU330AT6L21

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDU330AT6L15 TRIPPLITE-PDU330AT6L15 Datasheet
499Kb / 3P
   8.6kW 3-Phase 208V Monitored-ATS PDU, 2L15-30P, 10ft Cords, 1U Rack-Mount (0U Vertical outlet accessory sold separately)
PDU350AT6H50 TRIPPLITE-PDU350AT6H50 Datasheet
491Kb / 3P
   12.6kW 3-Phase 208V Monitored-ATS PDU, 2 Hubbell 50A CS8365C, 10ft Cords, 1U Rack-Mount (0U Vertical outlet accessory sold separately)
PDU330AT6L1530 TRIPPLITE-PDU330AT6L1530 Datasheet
176Kb / 5P
   8.6kW 3-Phase Monitored Automatic Transfer Switch, 2 208V L15-30P Inputs, 1U (0U PDU Accessory Sold Separate)
PDU3VN10L1530 TRIPPLITE-PDU3VN10L1530 Datasheet
506Kb / 3P
   8.6kW 3-Phase Monitored PDU, 208V Outlets (30-C13 and 6-C19), L15-30P, 10ft Cord, 0U Vertical
PDU3VN10L153TAA TRIPPLITE-PDU3VN10L153TAA Datasheet
530Kb / 3P
   TAA-Compliant 8.6kW 3-Phase Monitored PDU,208V Outlets (30-C13 and 6-C19), L15-30P, 10ft Cord,0U Vertical
PDU3VN10G30 TRIPPLITE-PDU3VN10G30 Datasheet
508Kb / 3P
   8.6kW 3-Phase Monitored PDU, 208V Outlets (30 C13 and 6 C19), IEC-309 30A Blue, 10ft Cord, 0U Vertical
PDU3VSR3L1530 TRIPPLITE-PDU3VSR3L1530 Datasheet
164Kb / 4P
   8.6kW 3-Phase Switched PDU, 208V Outlets (21 C13 & 3 C19), L15-30P, 3ft Cord, 0U Vertical
PDU3VN10G30TAA TRIPPLITE-PDU3VN10G30TAA Datasheet
531Kb / 3P
   TAA-Compliant 8.6kW 3-Phase Monitored PDU,208V Outlets (30 C13 and 6 C19), IEC-309 30A Blue,10ft Cord, 0U Vertical
PDU3VSR10L1530 TRIPPLITE-PDU3VSR10L1530 Datasheet
167Kb / 4P
   8.6 kW 3-Phase Switched PDU, 208V (21 C13 & 3 C19), L15-30P, 10ft Cord, 0U Vertical
PDU3VN10L2120 TRIPPLITE-PDU3VN10L2120 Datasheet
507Kb / 3P
   5.7kW 3-Phase Monitored PDU, 208V Outlets (30-C13 and 6-C19), L21-20P, 10ft Cord, 0U Vertical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com