Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4736A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1SMA4736A
Description  1 Watts Sueface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SMA4736A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SMA4736A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SMA4736A Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
C
D
G
H
E
J
SMA
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
·
·
·
·
·
1SMA4728A-1SMA4764A
1 Watts Sueface Mount Zener Diodes
Complete voltage range 3.3 to 100 volts
High peak reverse power dissipation
High reliability
Low leakage current
Standard zener voltage tolerance is ± 5%.
Case : SMA (DO-214AC) Molded plastic
Epoxy : UL94V-O rate flame retardant
Lead : Lead formed for Surface mount
Polarity : Color band denotes cathode end
Mounting position : Any
Weight : 0.064 gram
·
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75 °C (Note1)
PD
1.0
W
Maximum Forward Voltage at IF = 200 mA
VF
1.2
V
Junction Temperature Range
TJ
- 55 to + 150
°C
Storage Temperature Range
Ts
- 55 to + 150
°C
Note :
(1) P.C.B. Mounted on 0.31x0.31x0.08" (8x8x2mm) copper areas pads.
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (°C)
1 of 2
0.25
0.50
0.75
1.00
1.25
Fig. 1
MAXIMUM CONTINUOUS POWER DERATING
0
P.C.B. Mounted on
0.31x0.31x0.08" (8x8x2mm)
copper areas pads


Similar Part No. - 1SMA4736A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1SMA4736A EIC-1SMA4736A Datasheet
35Kb / 2P
   SURFACE MOUNT ZENER DIODES
logo
SUNMATE electronic Co.,...
1SMA4736A SUNMATE-1SMA4736A Datasheet
466Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SynSemi, Inc.
1SMA4736A SYNSEMI-1SMA4736A Datasheet
37Kb / 2P
   SURFACE MOUNT ZENER DIODES
logo
Guangdong Juxing Electr...
1SMA4736A JUXING-1SMA4736A Datasheet
390Kb / 3P
   Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
1SMA4736A EIC-1SMA4736A Datasheet
66Kb / 2P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - 1SMA4736A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
   1 Watts Surface Mount Zener Diodes
SMAZ5V1 SUNMATE-SMAZ5V1 Datasheet
125Kb / 2P
   1 Watts Surface Mount Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
   1.3 Watts Surface Mount Zener Diodes
BZG03C10 SUNMATE-BZG03C10 Datasheet
170Kb / 2P
   3 Watts Surface Mount Zener Diodes
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
Z3SMB6V2 SUNMATE-Z3SMB6V2 Datasheet
209Kb / 2P
   3 Watts Surface Mount Zener Diodes
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
Taiwan Semiconductor Co...
1SMC5352 TSC-1SMC5352 Datasheet
229Kb / 5P
   5.0 Watts Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
SMBJ5333B SUNMATE-SMBJ5333B Datasheet
279Kb / 2P
   5 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com