Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5922B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1SMA5922B
Description  1.5 Watts Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SMA5922B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SMA5922B Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SMA5922B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Weight : 0.060 gram (Approximately)
Mounting position : Any
Polarity : Color band denotes cathode end
Epoxy : UL94V-O rate flame retardant
Case : SMA Molded plastic
Low leakage current
High reliability
High peak reverse power dissipation
Complete Voltage Range 3.3 to 240 Volts
1SMA5913B-1SMA5957B
·
A
B
C
D
G
H
E
J
SMA
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Mechanical Data
·
·
·
1.5 Watts Surface Mount Zener Diodes
·
1of2
Rating
Symbol
Value
Unit
DC Power Dissipation @ TL = 75 °C
1.5
W
Measured zero lead length(1" square copper pad, FR-4 board)
20
Derate above 75 °C
Thermal Resistance Junction to Lead
RӨJL
50
DC Power Dissipation @ Ta = 25 °C
0.5
W
(FR-4 board) Derate above 25 °C
4.0
Thermal Resistance Junction to Ambient
RӨJA
250
Maximum Forward Voltage at IF = 200 mA
VF
Operating Junction and Storang Temperature Range
TJ, TSTG
0
25
50
75
100
125
150
175
T, TEMPERATURE (
°C)
V
°C
1.5
- 65 to + 150
°C/W
mW/°C
mW/°C
PD
°C/W
PD
0.3
0.6
0.9
1.2
1.5
Fig. 1 POWER TEMPERATURE DERATING CURVE
TL
0
Ta


Similar Part No. - 1SMA5922B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SMA5922B KEXIN-1SMA5922B Datasheet
66Kb / 2P
   Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMA5922B SYNSEMI-1SMA5922B Datasheet
82Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMA5922B EIC-1SMA5922B Datasheet
102Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMA5922B TAYCHIPST-1SMA5922B Datasheet
8Mb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES
logo
First Components Intern...
1SMA5922B FCI-1SMA5922B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
More results

Similar Description - 1SMA5922B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SMA5921B FORMOSA-SMA5921B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_11 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
   1.5 WATTS ZENER DIODES
logo
SeCoS Halbleitertechnol...
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB_15 Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMA5921 SECOS-SMA5921 Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
SMB59XXB SECOS-SMB59XXB Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Motorola, Inc
1SMA5913BT3 MOTOROLA-1SMA5913BT3 Datasheet
153Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com