Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EZ7.5D5 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # 3EZ7.5D5
Description  3Watts Axial Leaded Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

3EZ7.5D5 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  3EZ7.5D5 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 3EZ7.5D5 Datasheet HTML 2Page - SUNMATE electronic Co., LTD 3EZ7.5D5 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3EZ3.9D5
3.9
192
4.5
400
1.0
80
1.0
630
3EZ4.3D5
4.3
174
4.5
400
1.0
30
1.0
590
3EZ4.7D5
4.7
160
4.0
500
1.0
20
1.0
550
3EZ5.1D5
5.1
147
3.5
550
1.0
5.0
1.0
520
3EZ5.6D5
5.6
134
2.5
600
1.0
5.0
2.0
480
3EZ6.2D5
6.2
121
1.5
700
1.0
5.0
3.0
435
3EZ6.8D5
6.8
110
2.0
700
1.0
50
4.0
393
3EZ7.5D5
7.5
100
2.0
700
0.5
50
5.0
360
3EZ8.2D5
8.2
91
2.3
700
0.5
50
6.0
330
3EZ9.1D5
9.1
82
2.5
700
0.5
50
7.0
297
3EZ10D5
10
75
3.5
700
0.3
50
7.6
270
3EZ11D5
11
68
4.0
700
0.25
50
8.4
225
3EZ12D5
12
63
4.5
700
0.25
1.0
9.1
246
3EZ13D5
13
58
4.5
700
0.25
0.5
9.1
208
3EZ14D5
14
53
5.0
700
0.25
0.5
10.6
193
3EZ15D5
15
50
5.5
700
0.25
0.5
11.4
180
3EZ16D5
16
47
5.5
700
0.25
0.5
12.2
169
3EZ17D5
17
44
6.0
750
0.25
0.5
13.0
159
3EZ18D5
18
42
6.0
750
0.25
0.5
13.7
150
3EZ19D5
19
40
7.0
750
0.25
0.5
14.4
142
3EZ20D5
20
37
7.0
750
0.25
0.5
15.2
135
3EZ22D5
22
34
8.0
750
0.25
0.5
16.7
123
3EZ24D5
24
31
9.0
750
0.25
0.5
18.2
112
3EZ27D5
27
28
10
750
0.25
0.5
20.6
100
3EZ28D5
28
27
12
750
0.25
0.5
21.0
96
3EZ30D5
30
25
16
1000
0.25
0.5
22.5
90
3EZ33D5
33
23
20
1000
0.25
0.5
25.1
82
3EZ36D5
36
21
22
1000
0.25
0.5
27.4
75
3EZ39D5
39
19
28
1000
0.25
0.5
29.7
69
3EZ43D5
43
17
33
1500
0.25
0.5
32.7
63
3EZ47D5
47
16
38
1500
0.25
0.5
35.6
57
3EZ51D5
51
15
45
1500
0.25
0.5
38.8
53
3EZ56D5
56
13
50
2000
0.25
0.5
42.6
48
3EZ62D5
62
12
55
2000
0.25
0.5
47.1
44
3EZ68D5
68
11
70
2000
0.25
0.5
51.7
40
3EZ75D5
75
10
85
2000
0.25
0.5
56.0
36
3EZ82D5
82
9.1
95
3000
0.25
0.5
62.2
33
3EZ91D5
91
8.2
115
3000
0.25
0.5
69.2
30
3EZ100D5
100
7.5
160
3000
0.25
0.5
76.0
27


Similar Part No. - 3EZ7.5D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ7.5D5 EIC-3EZ7.5D5 Datasheet
37Kb / 3P
   SILICON ZENER DIODES
logo
SEC Electronics Inc.
3EZ7.5D5 SECELECTRONICS-3EZ7.5D5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
Jinan Gude Electronic D...
3EZ7.5D5 JGD-3EZ7.5D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
logo
SeCoS Halbleitertechnol...
3EZ7.5D5 SECOS-3EZ7.5D5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SynSemi, Inc.
3EZ7.5D5 SYNSEMI-3EZ7.5D5 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 3EZ7.5D5

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BZT03D6V2 SUNMATE-BZT03D6V2 Datasheet
91Kb / 2P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5L SUNMATE-2EZ3.6D5L Datasheet
252Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com