Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP24A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 15KP24A
Description  15000 Watts Axial Leaded Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

15KP24A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  15KP24A Datasheet HTML 1Page - SUNMATE electronic Co., LTD 15KP24A Datasheet HTML 2Page - SUNMATE electronic Co., LTD 15KP24A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1of3
·
15KP SERIES
Features
@ TA = 25°C unless otherwise specified
·
·
·
Mechanical Data
·
·
·
·
Maximum Ratings and Electrical Characteristics
A
A
B
C
D
R-6
Dim
Min
Max
A
25.4
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm
15000 Watts Axial Leaded Transient Voltage Suppressor
Low Leakage Current
Low Zener Impedance
Fast Response Time
Excellent Clamping Capability
·
Weight : 2.73 grams
Mounting position : Any
Polarity : Cathode polarity band
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Case : Molded plastic
Method 208 guaranteed
·
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation (10X1000
µs, see Fig.1 )
PPK
15,000
Watts
Steady State Power Dissipation
PD
7.0
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
(Uni-directional devices only)
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
This pulse is a standard test waveform used for protection devices.
Fig. 1
IFSM
200
Amps.
T1 x 1.25 = 10
µs
1000
µs
0.1 IPP
0.5 IPP
0.9 IPP
IPP
(Peak Value)
Time


Similar Part No. - 15KP24A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP24A EIC-15KP24A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP24A ETC2-15KP24A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
15KP24A NJSEMI-15KP24A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP24A NJSEMI-15KP24A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP24A NJSEMI-15KP24A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KP24A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
3KP180A SUNMATE-3KP180A Datasheet
698Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com